Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SFH601
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH601 Datasheet HTML 1Page - Vishay Siliconix SFH601 Datasheet HTML 2Page - Vishay Siliconix SFH601 Datasheet HTML 3Page - Vishay Siliconix SFH601 Datasheet HTML 4Page - Vishay Siliconix SFH601 Datasheet HTML 5Page - Vishay Siliconix SFH601 Datasheet HTML 6Page - Vishay Siliconix SFH601 Datasheet HTML 7Page - Vishay Siliconix SFH601 Datasheet HTML 8Page - Vishay Siliconix SFH601 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83663
Rev. 1.4, 26-Oct-04
VISHAY
SFH601
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
1) between emitter and detector referred to climate DIN 40046, part 2, Nov. 74
2) index per DIN IEC 60112/VDE0303, part 1
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
DC forward current
IF
60
mA
Surge forward current
t =10
µsI
FSM
2.5
A
Total power dissipation
Pdiss
100
mW
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter voltage
VCE
100
V
Emitter-base voltage
VEBO
7.0
V
Collector current
IC
50
mA
t = 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage 1)
t = 1.0 s
VISO
5300
VRMS
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Isolation thickness between
emitter and detector
≥ 0.4
mm
Comparative tracking 2)
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature
max. 10 s, dip soldering:
distance to seating plane
≥ 1.5 mm
Tsld
260
°C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn