Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SFH601
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH601 Datasheet HTML 1Page - Vishay Siliconix SFH601 Datasheet HTML 2Page - Vishay Siliconix SFH601 Datasheet HTML 3Page - Vishay Siliconix SFH601 Datasheet HTML 4Page - Vishay Siliconix SFH601 Datasheet HTML 5Page - Vishay Siliconix SFH601 Datasheet HTML 6Page - Vishay Siliconix SFH601 Datasheet HTML 7Page - Vishay Siliconix SFH601 Datasheet HTML 8Page - Vishay Siliconix SFH601 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VISHAY
SFH601
Document Number 83663
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Figure 5. Current Transfer Ratio vs. Diode Current
Figure 6. Current Transfer Ratio vs. Diode Current
Figure 7. Current Transfer Ratio vs. Diode Current
DC
Pulsbetrieb
Pulse
(VCE = 5.0 V)
IC/IF =f(IF)
isfh601_05
DC
Pulsbetrieb
Pulse
(TA = 50°C, VCE = 5.0 V)
IC/IF =f(IF)
isfh601_06
DC
Pulsbetrieb
Pulse
(TA = 75°C, VCE = 5.0 V)
IC/IF =f(IF)
isfh601_07
Figure 8. Current Transfer Ratio vs. Diode Current
Figure 9. Transistor Characteristics
Figure 10. Output Characteristics
DC
Pulsbetrieb
Pulse
(IF = 10 mA, VCE = 5.0 V)
IC/IF = f (T)
isfh601_08
DC
Pulsbetrieb
Pulse
IC =f(VCE)
(IF =0)
isfh601_09
DC
Pulsbetrieb
Pulse
IC=f(VCE)
isfh601_10


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn