Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB21393 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PSB21393
Description  Siemens Codec with UPNTransceiver
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PSB21393 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PSB21393 Datasheet HTML 7Page - Infineon Technologies AG PSB21393 Datasheet HTML 8Page - Infineon Technologies AG PSB21393 Datasheet HTML 9Page - Infineon Technologies AG PSB21393 Datasheet HTML 10Page - Infineon Technologies AG PSB21393 Datasheet HTML 11Page - Infineon Technologies AG PSB21393 Datasheet HTML 12Page - Infineon Technologies AG PSB21393 Datasheet HTML 13Page - Infineon Technologies AG PSB21393 Datasheet HTML 14Page - Infineon Technologies AG PSB21393 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 253 page
background image
Data Sheet
1
2001-03-07
PSB 21391
PSB 21393
Overview
1
Overview
The SCOUT-P or SCOUT-PX respectively integrates all necessary functions for the
completion of a cost effective digital voice terminal solution.
Please note: Throughout the whole document “SCOUT“refers to “SCOUT-P“
and “SCOUT-PX“
The SCOUT combines the functionality of the ARCOFI®-BA PSB 2161 (Audio Ringing
Codec Filter Basic Function) or ARCOFI®-SP PSB 2163 (Audio Ringing Codec Filter with
Speakerphone) respectively and the SmartLink-P PSB 2197 (Subscriber Access
Controller for UPN Terminals) or ISAC
®-P TE PSB 2196 (ISDN Subscriber Access
Controller for UPN Terminals in TE mode) respectively on a single chip.
The SCOUT-P is suited for the use in basic PBX voice terminals just as it is, and in
combination with an additional device on the modular IOM®-2 interface, in high end
featurephones e.g. with acoustic echo cancellation.
The SCOUT-PX PSB 21393 is an extended SCOUT-P PSB 21391 which provides the
speakerphone performance of the ARCOFI-SP PSB 2163.
The transceiver implements the subscriber access functions for a digital terminal to be
connected to a two wire UPN interface. It covers complete layer-1 and basic layer-2
functions for digital terminals.
The codec performs encoding, decoding, filtering functions and tone generation (ringing,
audible feedback tones and DTMF signal). An analog front end offers three analog inputs
and two analog outputs with programmable amplifiers.
The IOM-2 interface allows a modular design with functional extensions (e.g. acoustic
echo cancellation, tip/ring extension, S/T-interface option, terminal repeater) by
connecting other voice/data devices to the SCOUT.
A serial microcontroller interface (SCI) is supported. A clock signal and a reset input and
output pin complete the microcontroller interface.
The SCOUT is a CMOS device offered in a P-MQFP-44 package and operates with a
3.3V or 5V supply.


Similar Part No. - PSB21393

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2132 SIEMENS-PSB2132 Datasheet
2Mb / 95P
   Two Channel Codec Filter for Terminal Applications SICOFI2-TE
logo
Infineon Technologies A...
PSB2132 INFINEON-PSB2132 Datasheet
1Mb / 69P
   Two Channel Codec Filter for Terminal Application
2001-02-20 DS 1
logo
Siemens Semiconductor G...
PSB2134 SIEMENS-PSB2134 Datasheet
2Mb / 95P
   Two Channel Codec Filter for Terminal Applications SICOFI2-TE
logo
Infineon Technologies A...
PSB21373 INFINEON-PSB21373 Datasheet
3Mb / 242P
   Siemens Codec with 2-Wire Data Transceiver Featuring Speakerphone Function
2002-05-13 DS 3
PSB21381 INFINEON-PSB21381 Datasheet
3Mb / 270P
   Siemens Codec with S/T Transceiver
March 2001 Version 1.3
More results

Similar Description - PSB21393

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PSB21383H INFINEON-PSB21383H Datasheet
3Mb / 270P
   Siemens Codec with S/T Transceiver
March 2001 Version 1.3
PSB21373 INFINEON-PSB21373 Datasheet
3Mb / 242P
   Siemens Codec with 2-Wire Data Transceiver Featuring Speakerphone Function
2002-05-13 DS 3
logo
List of Unclassifed Man...
STAC9721 ETC1-STAC9721 Datasheet
394Kb / 48P
   Stereo AC 97 Codec With Multi-Codec Option
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
Texas Instruments
TAS3004PFB TI-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   Digital Auido Processor With Codec
logo
OKI electronic componet...
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
logo
NXP Semiconductors
UDA1343TT PHILIPS-UDA1343TT Datasheet
148Kb / 36P
   Economy audio CODEC with features
2000 Jan 12
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com