Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR53 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR53
Description  COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR53 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR53 Datasheet HTML 1Page - Fujitsu Component Limited. FBR53 Datasheet HTML 2Page - Fujitsu Component Limited. FBR53 Datasheet HTML 3Page - Fujitsu Component Limited. FBR53 Datasheet HTML 4Page - Fujitsu Component Limited. FBR53 Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FBR53 SERIES
l
e
d
o
M
l
a
n
i
m
o
N
e
g
a
tl
o
V
e
c
n
a
t
s
i
s
e
R
li
o
C
)
C
˚
0
2
t
a
%
0
1
±
(
e
g
a
tl
o
V
e
t
a
r
e
p
O
t
s
u
M
W
H
-
Y
-
9
0
D
N
3
5
R
B
F
C
D
V
9
4
9
)
C
˚
0
2
t
a
(
C
D
V
4
.
5
)
C
˚
5
2
1
t
a
(
C
D
V
7
.
7
W
H
-
Y
-
0
1
D
N
3
5
R
B
F
C
D
V
0
1
7
1
1
)
C
˚
0
2
t
a
(
C
D
V
3
.
6
)
C
˚
5
2
1
t
a
(
C
D
V
0
.
9
W
H
-
Y
-
2
1
D
N
3
5
R
B
F
C
D
V
2
1
7
6
1
)
C
˚
0
2
t
a
(
C
D
V
3
.
7
)
C
˚
5
2
1
t
a
(
C
D
V
4
.
0
1
l
e
d
o
M
l
a
n
i
m
o
N
e
g
a
tl
o
V
e
c
n
a
t
s
i
s
e
R
li
o
C
)
C
˚
0
2
t
a
%
0
1
±
(
e
t
a
r
e
p
O
t
s
u
M
e
g
a
tl
o
V
Y
-
9
0
D
N
3
5
R
B
F
C
D
V
9
5
3
1
)
C
˚
0
2
t
a
(
C
D
V
4
.
5
)
C
˚
5
8
t
a
(
C
D
V
8
.
6
Y
-
0
1
D
N
3
5
R
B
F
C
D
V
0
1
0
8
1
)
C
˚
0
2
t
a
(
C
D
V
3
.
6
)
C
˚
5
8
t
a
(
C
D
V
9
.
7
Y
-
2
1
D
N
3
5
R
B
F
C
D
V
2
1
0
4
2
)
C
˚
0
2
t
a
(
C
D
V
3
.
7
)
C
˚
5
8
t
a
(
C
D
V
2
.
9
n
COIL DATA CHART
Standard
Highcapacity


Similar Part No. - FBR53

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR53ND09-Y FUJITSU-FBR53ND09-Y Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53ND09-Y-HW FUJITSU-FBR53ND09-Y-HW Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53ND10-Y FUJITSU-FBR53ND10-Y Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
More results

Similar Description - FBR53

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com