Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC541 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74HC541
Description  Octal buffer/line driver; 3-state
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC541 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC541 Datasheet HTML 1Page - NXP Semiconductors 74HC541 Datasheet HTML 2Page - NXP Semiconductors 74HC541 Datasheet HTML 3Page - NXP Semiconductors 74HC541 Datasheet HTML 4Page - NXP Semiconductors 74HC541 Datasheet HTML 5Page - NXP Semiconductors 74HC541 Datasheet HTML 6Page - NXP Semiconductors 74HC541 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74HC/HCT541
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Yn
33
12
10
115
23
20
145
29
25
175
35
30
ns
2.0
4.5
6.0
Fig.6
tPZH/ tPZL
3-state output
enable time
OE to Yn
55
20
16
160
32
27
200
40
34
240
48
41
ns
2.0
4.5
6.0
Fig.7
tPHZ/ tPLZ
3-state output
disable time
OE to Yn
61
22
18
160
32
27
200
40
34
240
48
41
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74HC7541 Octal Schmitt trigger buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74AHC244 Octal buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74ALVC244 Octal buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74LV240 Octal buffer/line driver; inverting 3-State 1  2  3  4  5  More NXP Semiconductors
74AHC541 Octal buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74HC241 Octal buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74HC244 Octal buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
74ALVC541 Octal buffer/line driver; 3-state 1  2  3  4  5  More NXP Semiconductors
MC74AC640 OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Motorola, Inc
MC54-74HC240A Octal 3-State Inverting Buffer/Line Driver/Line Receiver 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn