Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC533 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74HC533
Description  Octal D-type transparent latch; 3-state; inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC533 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC533 Datasheet HTML 1Page - NXP Semiconductors 74HC533 Datasheet HTML 2Page - NXP Semiconductors 74HC533 Datasheet HTML 3Page - NXP Semiconductors 74HC533 Datasheet HTML 4Page - NXP Semiconductors 74HC533 Datasheet HTML 5Page - NXP Semiconductors 74HC533 Datasheet HTML 6Page - NXP Semiconductors 74HC533 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state;
inverting
74HC/HCT533
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Dn to Qn
47
17
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
LE to Qn
58
21
17
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.8
tPZH/ tPZL
3-state output enable
time
OE to Qn
44
16
13
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.9
tPHZ/ tPLZ
3-state output disable
time
OE to Qn
50
18
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.9
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.7
tW
LE pulse width
HIGH
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
Dn to LE
50
10
9
3
1
1
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.10
th
hold time
Dn to LE
35
7
6
3
1
1
45
9
8
55
11
9
ns
2.0
4.5
6.0
Fig.10


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn