Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4516D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC4516D
Description  Binary up/down counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4516D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4516D Datasheet HTML 6Page - NXP Semiconductors 74HC4516D Datasheet HTML 7Page - NXP Semiconductors 74HC4516D Datasheet HTML 8Page - NXP Semiconductors 74HC4516D Datasheet HTML 9Page - NXP Semiconductors 74HC4516D Datasheet HTML 10Page - NXP Semiconductors 74HC4516D Datasheet HTML 11Page - NXP Semiconductors 74HC4516D Datasheet HTML 12Page - NXP Semiconductors 74HC4516D Datasheet HTML 13Page - NXP Semiconductors 74HC4516D Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
December 1990
11
Philips Semiconductors
Product specification
Binary up/down counter
74HC/HCT4516
AC WAVEFORMS
Fig.7
Waveforms showing the clock (CP) to
output (Qn) and terminal count (TC)
propagation delays, the clock pulse width
and the maximum clock pulse frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the set-up and hold
times form count enable (CE) and up/down
(UP/DN) control inputs to the clock pulse
(CP), the propagation delays from UP/DN,
CE to TC.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing the preset enable
pulse width, preset enable to output
delays and output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the master reset pulse,
master reset to terminal count and Qn
delay and master reset to clock removal
time.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HC4516D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
74HC4510D PHILIPS-74HC4510D Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
74HC4510DB PHILIPS-74HC4510DB Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
74HC4510N PHILIPS-74HC4510N Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
74HC4510PW PHILIPS-74HC4510PW Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
More results

Similar Description - 74HC4516D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com