Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1100A2IDBVR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1100A2IDBVR
Description  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1100A2IDBVR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS1100A2IDBVR Datasheet HTML 1Page - Burr-Brown (TI) ADS1100A2IDBVR Datasheet HTML 2Page - Burr-Brown (TI) ADS1100A2IDBVR Datasheet HTML 3Page - Burr-Brown (TI) ADS1100A2IDBVR Datasheet HTML 4Page - Burr-Brown (TI) ADS1100A2IDBVR Datasheet HTML 5Page - Burr-Brown (TI) ADS1100A2IDBVR Datasheet HTML 6Page - Burr-Brown (TI) ADS1100A2IDBVR Datasheet HTML 7Page - Burr-Brown (TI) ADS1100A2IDBVR Datasheet HTML 8Page - Burr-Brown (TI) ADS1100A2IDBVR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS1100
4
SBAS239B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = 25°C and VDD = 5V, unless otherwise noted.
120
100
80
60
40
SUPPLY CURRENT vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
V
DD = 5V
V
DD = 2.7V
SUPPLY CURRENT vs I2C BUS FREQUENCY
250
225
200
175
150
125
100
75
50
10
100
1k
10k
I2C Bus Frequency (kHz)
125
°C
25
°C
–40
°C
2.0
1.0
0.0
–1.0
–2.0
OFFSET ERROR vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA = 8
PGA = 4
PGA = 2
PGA = 1
V
DD = 5V
2.0
1.0
0.0
–1.0
–2.0
OFFSET ERROR vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA = 8
PGA = 4
PGA = 2
PGA = 1
V
DD = 2.7V
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
–0.04
GAIN ERROR vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA = 8
PGA = 4
PGA = 1
PGA = 2
V
DD = 5V
0.010
0.005
0.000
–0.005
–0.010
–0.015
–0.020
GAIN ERROR vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA = 8
PGA = 4
PGA = 1
PGA = 2
V
DD = 2.7V


Similar Part No. - ADS1100A2IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100A2IDBVR TI1-ADS1100A2IDBVR Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100A2IDBVR TI1-ADS1100A2IDBVR Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A2IDBVR TI1-ADS1100A2IDBVR Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A2IDBVRG4 TI1-ADS1100A2IDBVRG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
More results

Similar Description - ADS1100A2IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com