Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8230-EVAL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8230-EVAL
Description  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8230-EVAL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8230-EVAL Datasheet HTML 2Page - Analog Devices AD8230-EVAL Datasheet HTML 3Page - Analog Devices AD8230-EVAL Datasheet HTML 4Page - Analog Devices AD8230-EVAL Datasheet HTML 5Page - Analog Devices AD8230-EVAL Datasheet HTML 6Page - Analog Devices AD8230-EVAL Datasheet HTML 7Page - Analog Devices AD8230-EVAL Datasheet HTML 8Page - Analog Devices AD8230-EVAL Datasheet HTML 9Page - Analog Devices AD8230-EVAL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8230
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
OFFSET VOLTAGE (
µV RTI)
9
–9
–3
–6
036
500
400
300
200
100
0
TOTAL NUMBER OF
SAMPLES = 2839 FROM 3 LOTS
Figure 4. Offset Voltage (RTI) Distribution at ±5 V, CM = 0 V, TA = +25°C
OFFSET VOLTAGE DRIFT (nV/
°C)
50
–50
–30
–10
10
30
40
35
30
25
20
15
10
5
0
TOTAL NUMBER OF SAMPLES = 300 FROM 3 LOTS
Figure 5. Offset Voltage (RTI) Drift Distribution
TEMPERATURE (
°C)
150
–50
–30
–10
10
70
30
50
110
130
90
0
–2
–4
–6
–8
–10
–12
–20
–14
–16
–18
VS = ±5V
VS = ±8V
Figure 6. Offset Voltage (RTI) vs. Temperature
COMMON-MODE VOLTAGE (V)
–20
–15
–10
–5
0
5
10
15
20
–2
0
–6
–4
2
4
6
NORMALIZED FOR VCM = 0V
Figure 7. Offset Voltage (RTI) vs. Common-Mode Voltage, VS = ±5 V
COMMON-MODE VOLTAGE (V)
–20
–15
–10
–5
0
5
10
15
20
–10
–8
–6
–4
–2
0
24
68
10
NORMALIZED FOR VCM = 0V
Figure 8. Offset Voltage (RTI) vs. Common-Mode Voltage, VS = ±8 V
SOURCE IMPEDANCE (k
Ω)
–8
–7
–6
–5
–4
–3
–2
–1
0
23
0
1
456
±5V SUPPLY
±8V SUPPLY
Figure 9. Offset Voltage (RTI) vs. Source Impedance, 1 µF Across Input Pins


Similar Part No. - AD8230-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8230-EVAL AD-AD8230-EVAL Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
More results

Similar Description - AD8230-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com