Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA692IDBV Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA692IDBV
Description  Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692IDBV Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA692IDBV Datasheet HTML 1Page - Burr-Brown (TI) OPA692IDBV Datasheet HTML 2Page - Burr-Brown (TI) OPA692IDBV Datasheet HTML 3Page - Burr-Brown (TI) OPA692IDBV Datasheet HTML 4Page - Burr-Brown (TI) OPA692IDBV Datasheet HTML 5Page - Burr-Brown (TI) OPA692IDBV Datasheet HTML 6Page - Burr-Brown (TI) OPA692IDBV Datasheet HTML 7Page - Burr-Brown (TI) OPA692IDBV Datasheet HTML 8Page - Burr-Brown (TI) OPA692IDBV Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
OPA692
5
SBOS236C
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = +5V
Boldface limits are tested at +25
°C.
G = +2 (–IN grounded though 0.1
µF) and R
L = 100Ω to VS/2 (see Figure 2 for AC performance only), unless otherwise noted.
OPA692ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C
+85
°C
UNITS
MAX LEVEL(2 )
AC PERFORMANCE (see Figure 2)
Small-Signal Bandwidth (VO < 0.5Vp-p)
G = +1
240
MHz
typ
C
G = +2
190
168
160
140
MHz
min
B
G = –1
195
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5Vp-p
90
40
30
25
MHz
min
B
Peaking at a Gain of +1
VO < 0.5Vp-p
0.2
1
2.5
3
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 2Vp-p
210
MHz
typ
C
Slew Rate
G = +2, 2V Step
830
600
575
550
V/
µsmin
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
2.0
ns
typ
C
G = +2, VO = 2V Step
2.3
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
14
ns
typ
C
0.1%
G = +2, VO = 2V Step
10
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2Vp-p
2nd-Harmonic
RL = 100Ω to VS/2
–66
–58
–57
–56
dBc
max
B
RL ≥ 500Ω to VS/2
–73
–65
–63
–62
dBc
max
B
3rd-Harmonic
RL = 100Ω to VS/2
–72
–68
–67
–65
dBc
max
B
RL ≥ 500Ω to VS /2
–77
–72
–70
–69
dBc
max
B
Input Voltage Noise
f > 1MHz
1.7
2.5
2.9
3.1
nV/
√Hz
max
B
Noninverting Input Current Noise
f > 1MHz
12
14
15
15
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
15
17
18
19
pA/
√Hz
max
B
DC PERFORMANCE(3)
Gain Error
G = +1
±0.2
%
typ
C
G = +2
±0.3
±1.5
±1.6
±1.7
%
max
A
G = –1
±0.2
±1.5
±1.6
±1.7
%
max
B
Internal RF and RG
Maximum
402
457
462
464
max
B
Minimum
402
347
342
340
min
B
Average Drift
0.13
0.13
0.13
%/C
°
max
B
Input Offset Voltage
VCM = 2.5V
±0.5
±3
±3.6
±4.3
mV
max
A
Average Offset Voltage Drift
VCM = 2.5V
±12
±20
µV/°Cmax
B
Noninverting Input Bias Current
VCM = 2.5V
+20
+40
+46
+56
µAmax
A
Average Noninverting Input Bias Current Drift
VCM = 2.5V
–250
–250
nA/
°Cmax
B
Inverting Input Bias Current
VCM = 2.5V
±5
±25
±30
±40
µAmax
A
Average Inverting Input Bias Current Drift
VCM = 2.5V
±112
±200
nA
°Cmax
B
INPUT
Least Positive Input Voltage
1.5
1.6
1.7
1.8
V
max
B
Most Positive Input Voltage
3.5
3.4
3.3
3.2
V
min
B
Noninverting Input Impedance
100 || 2
k
Ω || pF
typ
C
OUTPUT
Most Positive Output Voltage
No Load
4.0
3.8
3.7
3.5
V
min
A
RL = 100Ω
3.9
3.7
3.6
3.4
V
min
A
Least Positive Output Voltage
No Load
1.0
1.2
1.3
1.5
V
max
A
RL = 100Ω
1.1
1.3
1.4
1.6
V
max
A
Current Output, Sourcing
+160
+120
+100
+80
mA
min
A
Sinking
–160
–120
–100
–80
mA
min
A
Short-Circuit Current
VO = VS/2
±250
mA
typ
C
Output Impedance
G = +2, f = 100kHz
0.12
typ
C
NOTES: (1) Junction temperature = ambient temperature for low temperature limit and +25
°C specifications. Junction temperature = ambient temperature +10°C
at high temperature limit specifications. (2) Test Levels: (A) 100% tested at +25
°C. Over-temperature limits by characterization and simulation. (B) Limits set by
characterization and simulation. (C) Typical value only for information. (3) Current is considered positive out-of-node. VCM is the input common-mode voltage.


Similar Part No. - OPA692IDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692IDBV TI1-OPA692IDBV Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA692IDBVR TI1-OPA692IDBVR Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA692IDBVT TI1-OPA692IDBVT Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA692IDBVTG4 TI1-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results

Similar Description - OPA692IDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com