Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8AG350 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 8AG350
Description  Fast Blow Fuse Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

8AG350 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  8AG350 Datasheet HTML 1Page - Bel Fuse Inc. 8AG350 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
T
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
y
t
il
i
b
a
4
2
6
0
2
E
.
o
N
e
li
F
d
e
t
si
LP
A
8
/
G
A
8
A
m
0
8
.
A
0
0
1
@
C
A
V
0
5
2
/
A
2
-
A
m
0
8
.
A
0
0
0
0
1
@
C
A
V
5
2
1
/
A
7
-
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
C2
P
A
8
/
G
A
8
A
m
0
8
.
A
5
3
@
C
A
V
0
5
2
/
A
1
-
A
1 .
A
0
0
1
@
C
A
V
0
5
2
/
A
2
-
A
m
0
8
.
A
0
0
0
0
1
@
C
A
V
5
2
1
/
A
5
-
/
4
6
7
1
-
2
3
.
o
N
e
li
F
l
a
v
o
r
p
p
A
6
6
7
1
-
2
3
.
o
N
P
A
8
/
G
A
8
A
1 .
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
A
5
> .
A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
-
5
6
7
1
-
2
3
.
o
N
e
li
FG
A
8
Electrical Characteristics (UL/CSA STD. 248-14)
Approvals
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire:
Tin-lead plated Copper, Diameter 0.032" thru’ 7A
Marking
On fuse:
“bel",“8AG",“Current Rating",“Voltage Rating",
and “Appropriate Safety Logos”
On label:
Above info plus “
c” and interrupting rating
Voltage on fuse:
250V for 80mA to 2A; 125V for 2A and above
Packaging
1. In bulk:
8AG - 1,000 pcs per box; 8AP - 500 pcs per box
2. On Axial Tape & Reel:
1,000 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 73mm inside Tape Spacing
V
ß
t
Consult manufacturer for other ratings
Mechanical Dimensions
Type 8AG / 8AP
Fast Blow Fuse Series
1/4 x 1 inch Glass Tube
8AGD0202
g
n
it
s
e
T
t
n
e
r
r
u
c
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
5
3
1%
A
/
Nr
H
1
0
0
2%
A
/
N5 c
e
s
Vßtc
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
it
a
R
l
a
ci
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
it
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
8
)
P
(
G
A
8A
m
0
86
.
3
11
7
.
33
1
0
0
.
01
0
0
.
03
4
.
0
0
0
1
)
P
(
G
A
8A
m
0
0
13
.
0
18
2
.
32
0
0
.
02
0
0
.
08
4
.
0
5
2
1
)
P
(
G
A
8A
m
5
2
10
.
77
6
.
34
0
0
.
03
0
0
.
08
6
.
0
0
5
1
)
P
(
G
A
8A
m
0
5
13
.
54
2
.
37
0
0
.
06
0
0
.
02
7
.
0
0
0
2
)
P
(
G
A
8A
m
0
0
20
.
46
8
.
23
1
0
.
01
1
0
.
04
8
.
0
0
5
2
)
P
(
G
A
8A
m
0
5
21
.
33
5
.
23
2
0
.
09
1
0
.
03
9
.
0
0
5
3
)
P
(
G
A
8A
m
0
5
30
.
20
1
.
24
5
0
.
06
4
0
.
00
1
.
1
0
0
5
)
P
(
G
A
8A
m
0
0
54
3
.
07
1
2
.
03
2
.
02
2
.
06
1
.
0
0
5
7
)
P
(
G
A
8A
m
0
5
79
1
.
07
0
2
.
09
6
.
08
6
.
03
2
.
0
1
)
P
(
G
A
8A
14
1
.
02
0
2
.
00
2
.
11
2
.
10
3
.
0
5
2
.
1
)
P
(
G
A
8A
5
2
.
10
1
.
07
9
1
.
09
0
.
23
1
.
27
3
.
0
5
.
1
)
P
(
G
A
8A
5
.
18
0
.
03
9
1
.
06
.
38
.
34
4
.
0
2
)
P
(
G
A
8A
26
0
.
08
8
1
.
04
.
67
.
65
5
.
0
5
.
2
)
P
(
G
A
8A
5
.
24
0
.
04
8
1
.
01
.
1
18
.
1
18
6
.
0
3
)
P
(
G
A
8A
33
0
.
09
7
1
.
03
.
9
19
.
0
21
8
.
0
5
.
3
)
P
(
G
A
8A
5
.
37
2
0
.
07
7
1
.
05
.
5
28
.
7
22
9
.
0
4
)
P
(
G
A
8A
43
2
0
.
05
7
1
.
04
37
33
0
.
1
5
)
P
(
G
A
8A
57
1
0
.
01
7
1
.
09
55
66
2
.
1
6
)
P
(
G
A
8A
63
1
0
.
07
6
1
.
02
0
16
1
19
4
.
1
7
)
P
(
G
A
8A
71
1
0
.
05
6
1
.
05
3
14
5
11
7
.
1
8AP
8AG
1.03
± 0.03
(26.2
± 0.8mm)
1.00"
± 0.03"
(25.4
± 0.8mm)
0.250"
± 0.004"
(6.35
± 0.1mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
1.50"
± 0.08"
(38.1
± 2mm)
0.270"
± 0.004"
(6.9
± 0.1mm)
53


Similar Description - 8AG350

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5MF BEL-5MF Datasheet
94Kb / 2P
   Fast Blow Fuse Series
3AB BEL-3AB Datasheet
96Kb / 2P
   Fast Blow Fuse Series
5MF BEL-5MF_16 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
3AB BEL-3AB_13 Datasheet
1Mb / 4P
   Fast Blow Fuse Series
3AG BEL-3AG_13 Datasheet
1Mb / 4P
   Fast Blow Fuse Series
3AB BEL-3AB_17 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
3AG BEL-3AG Datasheet
402Kb / 2P
   Fast Blow Fuse Series
5MF BEL-5MF_13 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
3AG BEL-3AG_17 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
0603-0100-33 BEL-0603-0100-33 Datasheet
87Kb / 2P
   Fast Blow Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com