Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE2004DIE2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STE2004DIE2
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STE2004DIE2 Datasheet HTML 4Page - STMicroelectronics STE2004DIE2 Datasheet HTML 5Page - STMicroelectronics STE2004DIE2 Datasheet HTML 6Page - STMicroelectronics STE2004DIE2 Datasheet HTML 7Page - STMicroelectronics STE2004DIE2 Datasheet HTML 8Page - STMicroelectronics STE2004DIE2 Datasheet HTML 9Page - STMicroelectronics STE2004DIE2 Datasheet HTML 10Page - STMicroelectronics STE2004DIE2 Datasheet HTML 11Page - STMicroelectronics STE2004DIE2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
STE2004
8/66
Table 3.
The following table Bias Level for m = 65 and m = 49 are provided:
Table 4.
3.6 LCD Voltage Generation
The LCD Voltage at reference temperature (To = 27°C) can be set using the VOP register content according to
the following formula:
VLCD(T=To) = VLCDo = (Ai+VOP · B)
(i=0,1,2)
with the following values:
Note that the three PRS values produce three adjacent ranges for VLCD. If the VOP register and PRS bits
are set to zero the internal voltage generator is switched off.
The proper value for the VLCD is a function of the Liquid Crystal Threshold Voltage (Vth) and of the Mul-
tiplexing Rate. A general expression for this is:
For MUX Rate m = 65 the ideal VLCD is:
VLCD(to) = 6.85 · Vth
than:
BS2
BS1
BS0
n
000
7
001
6
010
5
011
4
100
3
101
2
110
1
111
0
Symbol
m = 65 (1/9)
m = 49 (1/8)
V1
VLCD
VLCD
V2
8/9*VLCD
7/8*VLCD
V3
7/9*VLCD
6/8*VLCD
V4
2/9*V VLCD
2/8*VLCD
V5
1/9 *VLCD
1/8*VLCD
V6
VSS
VSS
Symbol
Value
Unit
Note
Ao
2.95
V
PRS = [0;0]
A1
6.83
V
PRS = [0;1]
A2
10.71
V
PRS = [1;0]
B
0.0303
V
To
27
°C
V
LCD
1m
+
21
1
m
---------


------------------------------------ V
th
=
V
op
6.85 V
th
A
i
()
0.03
-----------------------------------------
=


Similar Part No. - STE2004DIE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
   102 x 65 single-chip LCD controller/driver
STE2004SDIE2 STMICROELECTRONICS-STE2004SDIE2 Datasheet
1Mb / 79P
   102 x 65 single-chip LCD controller/driver
More results

Similar Description - STE2004DIE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
   102 x 65 single-chip LCD controller/driver
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
   65 x 102 pixels matrix LCD driver
1997 Nov 21
logo
STMicroelectronics
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
   65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
NXP Semiconductors
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
   65 x 102 pixels matrix LCD driver
2000 Nov 22
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
   65 x 102 pixels matrix LCD driver
1999 Aug 16
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
   65 X 102 pixels matrix LCD driver
2001 Nov 14
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com