Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4510 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4510
Description  BCD up/down counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4510 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4510 Datasheet HTML 2Page - NXP Semiconductors 74HC4510 Datasheet HTML 3Page - NXP Semiconductors 74HC4510 Datasheet HTML 4Page - NXP Semiconductors 74HC4510 Datasheet HTML 5Page - NXP Semiconductors 74HC4510 Datasheet HTML 6Page - NXP Semiconductors 74HC4510 Datasheet HTML 7Page - NXP Semiconductors 74HC4510 Datasheet HTML 8Page - NXP Semiconductors 74HC4510 Datasheet HTML 9Page - NXP Semiconductors 74HC4510 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
December 1990
6
Philips Semiconductors
Product specification
BCD up/down counter
74HC/HCT4510
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
69
25
20
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.7
tPHL
propagation delay
MR to Qn
63
23
18
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
Fig.10
tPLH/ tPHL
propagation delay
PL to Qn
77
28
22
250
50
43
315
63
54
375
75
64
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
CP to TC
74
27
22
260
52
44
325
65
55
395
78
66
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
CE to TC
36
13
10
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tPLH
propagation delay
MR to TC
69
25
20
235
47
40
295
59
50
355
71
60
ns
2.0
4.5
6.0
Fig.10
tPHL/ tPLH
propagation delay
PL to TC
91
33
26
300
60
51
375
75
64
450
90
77
ns
2.0
4.5
6.0
Fig.9
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.9
tW
pulse width CP, CE
HIGH or LOW
80
16
14
25
9
7
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tW
parallel load pulse
width
HIGH
80
16
14
22
8
7
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.10
tW
master reset pulse
width
HIGH
100
20
17
19
7
6
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.10


Similar Part No. - 74HC4510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4511 PHILIPS-74HC4511 Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
logo
Nexperia B.V. All right...
74HC4511 NEXPERIA-74HC4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
NXP Semiconductors
74HC4511D PHILIPS-74HC4511D Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
logo
Nexperia B.V. All right...
74HC4511D NEXPERIA-74HC4511D Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
NXP Semiconductors
74HC4511N PHILIPS-74HC4511N Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
More results

Similar Description - 74HC4510

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
logo
NXP Semiconductors
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
   BCD up/down counter
January 1995
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
   PRESETTABLE BCD UP/DOWN COUNTER
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
   CMOS BCD UP/DOWN COUNTER
logo
Toshiba Semiconductor
TC40H192P TOSHIBA-TC40H192P Datasheet
347Kb / 7P
   SYNCHRONOUS BCD UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
NXP Semiconductors
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com