Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IL410 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. IL410
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL410 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button IL410 Datasheet HTML 2Page - Vishay Siliconix IL410 Datasheet HTML 3Page - Vishay Siliconix IL410 Datasheet HTML 4Page - Vishay Siliconix IL410 Datasheet HTML 5Page - Vishay Siliconix IL410 Datasheet HTML 6Page - Vishay Siliconix IL410 Datasheet HTML 7Page - Vishay Siliconix IL410 Datasheet HTML 8Page - Vishay Siliconix IL410 Datasheet HTML 9Page - Vishay Siliconix IL410 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 83627
Rev. 1.4, 26-Apr-04
IL410/ IL4108
Vishay Semiconductors
Figure 6. Typical Output Characteristics
Figure 7. Current Reduction
Figure 8. Current Reduction
iil410_06
IT = f(VT),
parameter: Tj
iil410_07
ITRMS=f(TA),
RthJA=150 K/W
Device switch
soldered in pcb
or base plate.
iil410_08
ITRMS=f(TPIN5), RthJ–PIN5=16.5 K/W
Thermocouple measurement must
be performed potentially separated
to A1 and A2. Measuring junction
as near as possible at the case.
Figure 9. Typical Trigger Delay Time
Figure 10. Typical Inhibit Current
Figure 11. Power Dissipation 40 to 60 Hz Line Operation
iil410_09
tgd=f (IFIFT25°C), VD=200 V,
f=40 to 60 Hz, parameter: Tj
iil410_10
IDINH =f (IF/IFT25°C),
VD=600 V, parameter: Tj
40 to 60 Hz
line operation,
Ptot=f(ITRMS)
iil410_11


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn