Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5MF700 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 5MF700
Description  Fast Blow Fuse Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5MF700 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  5MF700 Datasheet HTML 1Page - Bel Fuse Inc. 5MF700 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
g
o
l
a
t
a
C
r
e
b
m
u
N
S
H
o
R
x
if
f
u
S
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
0
8
)
P
(
F
M
5R
-A
m
0
82
.
0
15
0
.
34
0
0
0
.
04
0
0
0
.
02
3
.
0
0
0
1
)
P
(
F
M
5R
-A
m
0
0
12
.
75
6
.
29
0
0
0
.
08
0
0
0
.
05
3
.
0
5
2
1
)
P
(
F
M
5R
-A
m
5
2
18
.
64
6
.
37
1
0
0
.
05
1
0
0
.
00
6
.
0
0
0
2
)
P
(
F
M
5R
-A
m
0
0
24
.
36
7
.
27
0
0
.
06
0
0
.
02
7
.
0
0
5
2
)
P
(
F
M
5R
-A
m
0
5
24
.
19
1
.
16
1
0
.
04
1
0
.
05
2
.
0
0
0
3
)
P
(
F
M
5R
-A
m
0
0
33
.
12
1
.
10
2
0
.
09
1
0
.
09
3
.
0
0
5
3
)
P
(
F
M
5R
-A
m
0
5
36
0
9
.
02
0
.
18
3
0
.
02
3
0
.
06
3
.
0
0
0
4
)
P
(
F
M
5R
-4
A
m
0
07
5
5
.
04
3
9
.
00
8
0
.
04
8
0
.
00
2
.
0
0
0
5
)
P
(
F
M
5R
-A
m
0
0
57
6
4
.
01
9
7
.
02
2
1
.
08
1
1
.
03
3
.
0
0
0
6
)
P
(
F
M
5R
-6
A
m
0
00
9
3
.
09
1
7
.
05
9
1
.
05
9
1
.
04
4
.
0
0
0
7
)
P
(
F
M
5R
-A
m
0
0
72
1
3
.
04
8
6
.
05
6
2
.
07
6
2
.
05
6
.
0
0
0
8
)
P
(
F
M
5R
-8
A
m
0
03
5
2
.
04
3
6
.
08
9
3
.
09
9
3
.
04
5
.
0
1
)
P
(
F
M
5R
-A
19
1
1
.
01
0
2
.
07
7
8
.
01
5
8
.
06
2
.
0
5
2
.
1
)
P
(
F
M
5R
-A
5
2
.
10
9
0
.
09
8
1
.
05
.
15
.
11
3
.
0
5
.
1
)
P
(
F
M
5R
-A
5
.
18
6
0
.
08
7
1
.
06
.
26
.
26
3
.
0
2
)
P
(
F
M
5R
-A
21
5
0
.
07
6
1
.
04
.
45
.
44
4
.
0
5
.
2
)
P
(
F
M
5R
-A
5
.
29
3
0
.
07
5
1
.
06
.
78
.
72
5
.
0
3
)
P
(
F
M
5R
-A
39
2
0
.
08
4
1
.
03
14
19
5
.
0
5
.
3
)
P
(
F
M
5R
-A
5
.
34
2
0
.
01
4
1
.
07
18
15
6
.
0
4
)
P
(
F
M
5R
-A
41
2
0
.
07
3
1
.
02
24
22
7
.
0
5
)
P
(
F
M
5R
-A
56
1
0
.
09
2
1
.
08
31
44
8
.
0
6
)
P
(
F
M
5R
-A
62
1
0
.
01
2
1
.
05
62
76
9
.
0
7
)
P
(
F
M
5R
-A
70
1
0
.
09
1
1
.
08
87
90
1
.
1
8
)
P
(
F
M
5R
-A
82
9
0
0
.
07
1
1
.
03
1
16
2
13
2
.
1
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
Ty
t
il
i
b
a
.
R
.
I
@
t
l
o
v
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
t
si
L
/
F
M
5
P
F
M
5
A
m
0
8
.
A
0
0
2
@
C
A
V
0
5
2
/
A
3
-
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
CA
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
8
-
A
m
0
8
,
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
F
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
/
F
M
5
P
F
M
5
A
1 .
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
FF
M
5A
5
> .
A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
-
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
5
3
1A
/
Nr
H
1
%
0
0
2A
/
Nc
e
S
5
Approval
Electrical Characteristics (UL/CSA STD. 248-14)
Consult manufacturer for other ratings
Mechanical Dimensions
Type 5MF / 5MFP
Fast Blow Fuse Series
5 x 20mm Glass Tube
5MFD1005
E5MFD0605A1
5MF
5MFP
ußpc
0.787"
± 0.02"
(20
± 0.5mm)
0.20"
± 0.004"
(5.1
± 0.1mm)
0.827"
± 0.02"
(21.0
± 0.5mm)
1.5"
± 0.08"
(38.1
± 2mm)
0.217"
± 0.004"
(5.5
± 0.1mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
53
RoHS Compliant
u
p
ß
RoHS Compliant Product
For RoHS Compliant Version, add suffix “R” after catalog number
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire:
Tin plated Copper,
Diameter 0.032”, 5A and less
Diameter 0.040", 6A and above
Marking
On fuse:
“bel”,“5MF”,“Current Rating”,“Votage Rating",
“Appropriate Safety Logos”,“✔” (RoHS Version)
On label:
“bel”, “5MF”or “5MFP”,“Current Rating”,“Voltage
Rating”,“Interrupting Rating”,“Appropriate Safety Logos”
and “
”+ suffix “R” for RoHS Version
Voltage on fuse:
250V for 80mA to 3A; 125V for rating above 3A
Packaging
1. In bulk:
5MF - 1,000 pcs per box; 5MFP - 500 pcs per box
2. On Axial Tape & Reel:
1,500 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 63.5mm inside Tape Spacing


Similar Part No. - 5MF700

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5MF700-R BEL-5MF700-R Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
More results

Similar Description - 5MF700

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3AB BEL-3AB Datasheet
96Kb / 2P
   Fast Blow Fuse Series
5MF BEL-5MF_16 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
3AB BEL-3AB_13 Datasheet
1Mb / 4P
   Fast Blow Fuse Series
3AG BEL-3AG_13 Datasheet
1Mb / 4P
   Fast Blow Fuse Series
3AB BEL-3AB_17 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
3AG BEL-3AG Datasheet
402Kb / 2P
   Fast Blow Fuse Series
5MF BEL-5MF_13 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
8AG BEL-8AG Datasheet
84Kb / 2P
   Fast Blow Fuse Series
3AG BEL-3AG_17 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
0603-0100-33 BEL-0603-0100-33 Datasheet
87Kb / 2P
   Fast Blow Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com