Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3624L10 Datasheet(PDF) 30 Page - Integrated Device Technology

Part # IDT72V3624L10
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3624L10 Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button IDT72V3624L10 Datasheet HTML 26Page - Integrated Device Technology IDT72V3624L10 Datasheet HTML 27Page - Integrated Device Technology IDT72V3624L10 Datasheet HTML 28Page - Integrated Device Technology IDT72V3624L10 Datasheet HTML 29Page - Integrated Device Technology IDT72V3624L10 Datasheet HTML 30Page - Integrated Device Technology IDT72V3624L10 Datasheet HTML 31Page - Integrated Device Technology IDT72V3624L10 Datasheet HTML 32Page - Integrated Device Technology IDT72V3624L10 Datasheet HTML 33Page - Integrated Device Technology IDT72V3624L10 Datasheet HTML 34Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
30
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3634/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Figure 25. Timing for
AFA when FIFO1 is Almost-Full (IDT Standard and FWFT Modes)
Figure 23. Timing for
AEB when FIFO1 is Almost-Empty (IDT Standard and FWFT Modes)
Figure 24. Timing for
AEA when FIFO2 is Almost-Empty (IDT Standard and FWFT Modes)
NOTES:
1. tSKEW2 is the minimum time between a rising CLKA edge and a rising CLKB edge for
AEB to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising
CLKB edge is less than tSKEW2, then
AEB may transition HIGH one CLKB cycle later than shown.
2. FIFO1 Write (
CSA = LOW, W/RA = LOW, MBA = LOW), FIFO1 read (CSB = LOW, W/RB = HIGH, MBB = LOW). Data in the FIFO1 output register has been read from the FIFO.
3. If Port B size is word or byte,
AEB is set LOW by the last word or byte read from FIFO1, respectively.
NOTES:
1. tSKEW2 is the minimum time between a rising CLKB edge and a rising CLKA edge for
AEA to transition HIGH in the next CLKA cycle. If the time between the rising CLKB edge and rising
CLKA edge is less than tSKEW2, then
AEA may transition HIGH one CLKA cycle later than shown.
2. FIFO2 Write (
CSB = LOW, W/RB = LOW, MBB = LOW), FIFO2 read (CSA = LOW, W/RA = LOW, MBA = LOW). Data in the FIFO2 output register has been read from the FIFO.
3. If Port B size is word or byte, tSKEW2 is referenced to the rising CLKB edge that writes the last word or byte of the long word, respectively.
NOTES:
1. tSKEW2 is the minimum time between a rising CLKA edge and a rising CLKB edge for
AFA to transition HIGH in the next CLKA cycle. If the time between the rising CLKA edge and rising
CLKB edge is less than tSKEW2, then
AFA may transition HIGH one CLKA cycle later than shown.
2. FIFO1 Write (
CSA = LOW, W/RA = HIGH, MBA = LOW), FIFO1 read (CSB = LOW, W/RB = HIGH, MBB = LOW). Data in the FIFO1 output register has been read from the FIFO.
3. D = Maximum FIFO Depth = 256 for the IDT72V3624, 512 for the IDT72V3634, 1,024 for the IDT72V3644.
4. If Port B size is word or byte, tSKEW2 is referenced to the rising CLKB edge that reads the last word or byte of the long word, respectively.
AEB
CLKA
ENB
4664 drw25
ENA
CLKB
2
1
tENH
tSKEW2
tPAE
tPAE
tENH
X1 Words in FIFO1
(X1+1) Words in FIFO1
(1)
tENS2
tENS2
AEA
CLKB
ENA
4664 drw26
ENB
CLKA
2
1
tENH
tSKEW2
tPAE
tPAE
tENH
(X2+1) Words in FIFO2
X2 Words in FIFO2
(1)
tENS2
tENS2
AFA
CLKA
ENB
4664 drw27
ENA
CLKB
12
tSKEW2
tENH
tPAF
tENH
tPAF
[D-(Y1+1)] Words in FIFO1
(D-Y1) Words in FIFO1
(1)
tENS2
tENS2


Similar Part No. - IDT72V3624L10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3624L10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com