Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3624 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT72V3624
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3624 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT72V3624 Datasheet HTML 8Page - Integrated Device Technology IDT72V3624 Datasheet HTML 9Page - Integrated Device Technology IDT72V3624 Datasheet HTML 10Page - Integrated Device Technology IDT72V3624 Datasheet HTML 11Page - Integrated Device Technology IDT72V3624 Datasheet HTML 12Page - Integrated Device Technology IDT72V3624 Datasheet HTML 13Page - Integrated Device Technology IDT72V3624 Datasheet HTML 14Page - Integrated Device Technology IDT72V3624 Datasheet HTML 15Page - Integrated Device Technology IDT72V3624 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
12
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3634/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
TABLE 3 — PORT B ENABLE .UNCTION TABLE
LOW. The B0-B35 lines are active outputs when
CSB is LOW and W/RB is
HIGH.
Data is loaded into FIFO2 from the B0-B35 inputs on a LOW-to-HIGH
transition of CLKB when
CSB is LOW, W/RB is LOW, ENB is HIGH, MBB is
LOW, and
FFB/IRB is HIGH. Data is read from FIFO1 to the B0-B35 outputs
byaLOW-to-HIGHtransitionofCLKBwhen
CSBisLOW,W/RBisHIGH,ENB
is HIGH, MBB is LOW, and
EFB/ORB is HIGH (see Table 3). FIFO reads and
writes on Port B are independent of any concurrent Port A operation.
ThesetupandholdtimeconstraintstotheportclocksfortheportChipSelects
and Write/Read selects are only for enabling write and read operations and
are not related to high-impedance control of the data outputs. If a port enable
is LOW during a clock cycle, the port’s Chip Select and Write/Read select may
change states during the setup and hold time window of the cycle.
WhenoperatingtheFIFOinFWFTmodeandtheOutputReadyflagisLOW,
the next word written is automatically sent to the FIFO’s output register by the
LOW-to-HIGHtransitionoftheportclockthatsetstheOutputReadyflagHIGH.
When the Output Ready flag is HIGH, subsequent data is clocked to the output
registers only when a read is selected using the port’s Chip Select, Write/Read
select, Enable, and Mailbox select.
When operating the FIFO in IDT Standard mode, the first word will cause
the Empty Flag to change state on the second LOW-to-HIGH transition of the
Read Clock. The data word will not be automatically sent to the output register.
Instead, data residing in the FIFO's memory array is clocked to the output
register only when a read is selected using the port’s Chip Select, Write/Read
select, Enable, and Mailbox select. Write and read timing diagrams for Port A
can be found in Figure 7 and 14. Relevant Port B write and read cycle timing
diagrams together with Bus-Matching and Endian select operations can be
found in Figures 8 through 13.
CSA
W/
RA
ENA
MBA
CLKA
Data A (A0-A35) I/O
Port Function
H
X
X
X
X
High-Impedance
None
L
H
L
X
X
Input
None
LH
H
L
Input
FIFO1 write
LH
H
H
Input
Mail1 write
L
L
L
L
X
Output
None
LL
H
L
Output
FIFO2 read
L
L
L
H
X
Output
None
LL
H
H
Output
Mail2 read (set
MBF2 HIGH)
TABLE 2 — PORT A ENABLE .UNCTION TABLE
CSB
W/RB
ENB
MBB
CLKB
Data B (B0-B35) I/O
Port Function
H
X
X
X
X
High-Impedance
None
L
L
L
X
X
Input
None
LL
H
L
Input
FIFO2 write
LL
H
H
Input
Mail2 write
L
H
L
L
X
Output
None
LHH
L
Output
FIFO1 read
L
H
L
H
X
Output
None
LHH
H
Output
Mail1 read (set
MBF1 HIGH)
SYNCHRONIZED FIFO FLAGS
Each FIFO is synchronized to its port clock through at least two flip-flop
stages.Thisisdonetoimproveflag-signalreliabilitybyreducingtheprobability
of metastable events when CLKA and CLKB operate asynchronously to one
another.
EFA/ORA, AEA, FFA/IRA, and AFA are synchronized to CLKA.
EFB/ORB,AEB,FFB/IRB,andAFBaresynchronizedtoCLKB.Tables4and
5 show the relationship of each port flag to FIFO1 and FIFO2.
EMPTY/OUTPUT READY FLAGS (
EFA/ORA, EFB/ORB)
These are dual purpose flags. In the FWFT mode, the Output Ready
(ORA, ORB) function is selected. When the Output-Ready flag is HIGH, new
dataispresentintheFIFOoutputregister.WhentheOutputReadyflagisLOW,
the previous data word is present in the FIFO output register and attempted
FIFO reads are ignored.


Similar Part No. - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com