Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3624 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # IDT72V3624
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3624 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button IDT72V3624 Datasheet HTML 17Page - Integrated Device Technology IDT72V3624 Datasheet HTML 18Page - Integrated Device Technology IDT72V3624 Datasheet HTML 19Page - Integrated Device Technology IDT72V3624 Datasheet HTML 20Page - Integrated Device Technology IDT72V3624 Datasheet HTML 21Page - Integrated Device Technology IDT72V3624 Datasheet HTML 22Page - Integrated Device Technology IDT72V3624 Datasheet HTML 23Page - Integrated Device Technology IDT72V3624 Datasheet HTML 24Page - Integrated Device Technology IDT72V3624 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3634/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
SIZE MODE(1)
DATA WRITTEN TO FIFO1
READ NO.
DATA READ FROM FIFO1
BM
SIZE
BE
A35-A27
A26-A18
A17-A9
A8-A0
B17-B9
B8-B0
HL
H
A
B
C
D
1
A
B
2C
D
HL
L
A
B
C
D
1
C
D
2A
B
DATA SIZE TABLE .OR WORD READS .ROM .I.O1
Figure 12. Port-B Word Read Cycle Timing for FIFO1 (IDT Standard and FWFT Modes)
NOTE:
1. BE is selected at Master Reset; BM and SIZE must be static throughout device operation .
SIZE MODE(1)
DATA WRITTEN TO FIFO1
DATA READ FROM FIFO1
BM
SIZE
BE
A35-A27
A26-A18
A17-A9
A8-A0
B35-B27
B26-B18
B17-B9
B8-B0
L
X
X
A
BC
DA
BC
D
NOTE:
1. Read From FIFO1.
DATA SIZE TABLE .OR .I.O LONG-WORD READS .ROM .I.O1
Figure 11. Port B Long-Word Read Cycle Timing for FIFO1 (IDT Standard and FWFT Modes)
NOTE:
1. Unused word B18-B35 are indeterminate for word-size reads.
NOTE:
1. BE is selected at Master Reset; BM and SIZE must be static throughout device operation .
4664 drw13
CLKB
EFB/ORB
ENB
MBB
CSB
W/RB
tCLK
tCLKH
tCLKL
tA
tMDV
tEN
tA
tENH
tENH
W1
W2
W3
(1)
(1)
tENH
tDIS
No Operation
B0-B35
(FWFT Mode)
tEN
W2
(1)
tDIS
W1
Previous Data
B0-B35
(Standard Mode)
tMDV
tA
OR
tA
HIGH
tENS2
tENS2
tENS2
(1)
(1)
CLKB
ENB
EFB/ORB
W/RB
CSB
HIGH
4664 drw14
B0-B17
(Standard Mode)
B0-B17
(FWFT Mode)
OR
Previous Data
tA
tA
tENS2
tENH
No Operation
Read 1
tA
tA
Read 1
Read 2
Read 2
Read 3
MBB
tEN
tMDV
tEN
tMDV
tDIS
tDIS


Similar Part No. - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3624

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com