Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4051PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT4051PW
Description  8-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4051PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT4051PW Datasheet HTML 4Page - NXP Semiconductors 74HCT4051PW Datasheet HTML 5Page - NXP Semiconductors 74HCT4051PW Datasheet HTML 6Page - NXP Semiconductors 74HCT4051PW Datasheet HTML 7Page - NXP Semiconductors 74HCT4051PW Datasheet HTML 8Page - NXP Semiconductors 74HCT4051PW Datasheet HTML 9Page - NXP Semiconductors 74HCT4051PW Datasheet HTML 10Page - NXP Semiconductors 74HCT4051PW Datasheet HTML 11Page - NXP Semiconductors 74HCT4051PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
December 1990
8
Philips Semiconductors
Product specification
8-channel analog multiplexer/demultiplexer
74HC/HCT4051
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VEE
(V)
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Vis to Vos
14
5
4
4
60
12
10
8
75
15
13
10
90
18
15
12
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL = ∞; CL =50pF
(see Fig.17)
tPZH/ tPZL
turn “ON” time
E to Vos
72
29
21
18
345
69
59
51
430
86
73
64
520
104
88
77
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL =1kΩ;
CL =50pF
(see Fig.18, 19 and
20)
tPZH/ tPZL
turn “ON” time
Sn to Vos
66
28
19
16
345
69
59
51
430
86
73
64
520
104
88
77
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL =1kΩ;
CL =50pF
(see Fig.18, 19 and
20)
tPHZ/ tPLZ
turn “OFF” time
E to Vos
58
31
17
18
290
58
49
42
365
73
62
53
435
87
74
72
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL =1kΩ;
CL =50pF
(see Fig.18, 19 and
20)
tPHZ/ tPLZ
turn “OFF” time
Sn to Vos
61
25
18
18
290
58
49
42
365
73
62
53
435
87
74
72
ns
2.0
4.5
6.0
4.5
0
0
0
−4.5
RL =1kΩ;
CL =50pF
(see Fig.18, 19 and
20)


Similar Part No. - 74HCT4051PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4051PW NXP-74HCT4051PW Datasheet
220Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HCT4051PW NXP-74HCT4051PW Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HCT4051PW PHILIPS-74HCT4051PW Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
74HCT4051PW NEXPERIA-74HCT4051PW Datasheet
399Kb / 28P
   8-channel analog multiplexer/demultiplexer
Rev. 11 - 5 December 2022
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results

Similar Description - 74HCT4051PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com