Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4060D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT4060D
Description  14-stage binary ripple counter with oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4060D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT4060D Datasheet HTML 4Page - NXP Semiconductors 74HCT4060D Datasheet HTML 5Page - NXP Semiconductors 74HCT4060D Datasheet HTML 6Page - NXP Semiconductors 74HCT4060D Datasheet HTML 7Page - NXP Semiconductors 74HCT4060D Datasheet HTML 8Page - NXP Semiconductors 74HCT4060D Datasheet HTML 9Page - NXP Semiconductors 74HCT4060D Datasheet HTML 10Page - NXP Semiconductors 74HCT4060D Datasheet HTML 11Page - NXP Semiconductors 74HCT4060D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
December 1990
10
Philips Semiconductors
Product specification
14-stage binary ripple counter with oscillator
74HC/HCT4060
Notes
1. The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given here.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
2. Only input MR (pin 12) has TTL input switching levels for the HCT versions.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
MR
0.40
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
RS to Q3
33
66
83
99
ns
4.5
Fig.12
tPHL/ tPLH
propagation delay
Qn to Qn+1
8
16
20
24
ns
4.5
Fig.14
tPHL
propagation delay
MR to Qn
21
44
55
66
ns
4.5
Fig.13
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.12
tW
clock pulse width
RS; HIGH or LOW
16
6
20
24
ns
4.5
Fig.12
tW
master reset pulse
width MR; HIGH
16
6
20
24
ns
4.5
Fig.13
trem
removal time
MR to RS
26
13
33
39
ns
4.5
Fig.13
fmax
maximum clock pulse
frequency
30
80
24
20
MHz
4.5
Fig.12


Similar Part No. - 74HCT4060D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4060D NXP-74HCT4060D Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060D NEXPERIA-74HCT4060D Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
logo
NXP Semiconductors
74HCT4060D-Q100 NXP-74HCT4060D-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HCT4060D-Q100 NEXPERIA-74HCT4060D-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
NXP Semiconductors
74HCT4060DB NXP-74HCT4060DB Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
More results

Similar Description - 74HCT4060D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com