Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4046APW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC4046APW
Description  Phase-locked-loop with VCO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4046APW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4046APW Datasheet HTML 7Page - NXP Semiconductors 74HC4046APW Datasheet HTML 8Page - NXP Semiconductors 74HC4046APW Datasheet HTML 9Page - NXP Semiconductors 74HC4046APW Datasheet HTML 10Page - NXP Semiconductors 74HC4046APW Datasheet HTML 11Page - NXP Semiconductors 74HC4046APW Datasheet HTML 12Page - NXP Semiconductors 74HC4046APW Datasheet HTML 13Page - NXP Semiconductors 74HC4046APW Datasheet HTML 14Page - NXP Semiconductors 74HC4046APW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
1997 Nov 25
11
Philips Semiconductors
Product specification
Phase-locked-loop with VCO
74HC/HCT4046A
VCO section
Voltages are referenced to GND (ground = 0 V)
RI
input resistance
SIGIN, COMPIN
800
k
3.0
VI at self-bias
operating point;
∆ V
I = 0.5 V;
see Figs 12, 13
and 14
250
k
4.5
150
k
6.0
SYM-
BOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
VIH
HIGH level
input voltage
INH
2.1
1.7
2.1
2.1
V
3.0
3.15
2.4
3.15
3.15
4.5
4.2
3.2
4.2
4.2
6.0
VIL
LOW level
input voltage
INH
1.3
0.9
0.9
0.9
V
3.0
2.1
1.35
1.35
1.35
4.5
2.8
1.8
1.8
1.8
6.0
VOH
HIGH level
output voltage
VCOOUT
2.9
3.0
2.9
2.9
V
3.0
VIH
or
VIL
−IO =20 µA
4.4
4.5
4.4
4.4
4.5
−I
O =20 µA
5.9
6.0
5.9
5.9
6.0
−I
O =20 µA
VOH
HIGH level
output voltage
VCOOUT
3.98
4.32
3.84
3.7
V
4.5
VIH
or
VIL
−IO = 4.0 mA
5.48
5.81
5.34
5.2
6.0
−I
O = 5.2 mA
VOL
LOW level
output voltage
VCOOUT
0
0.1
0.1
0.1
V
3.0
VIH
or
VIL
IO =20 µA
0
0.1
0.1
0.1
4.5
IO =20 µA
0
0.1
0.1
0.1
6.0
IO =20 µA
VOL
LOW level
output voltage
VCOOUT
0.15
0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 4.0 mA
0.16
0.26
0.33
0.4
6.0
IO = 5.2 mA
VOL
LOW level output
voltage C1A,C1B
0.40
0.47
0.54
V
4.5
VIH
or
VIL
IO = 4.0 mA
0.40
0.47
0.54
6.0
IO = 5.2 mA
±II
input leakage
current
INH, VCOIN
0.1
1.0
1.0
µA
6.0
VCC
or
GND
R1
resistor range
3.0
300
k
3.0
note 1
3.0
300
4.5
3.0
300
6.0
SYM-
BOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max. min.
max.
min.
max.


Similar Part No. - 74HC4046APW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4046APW NEXPERIA-74HC4046APW Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046APW-Q100 NEXPERIA-74HC4046APW-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
More results

Similar Description - 74HC4046APW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HCT4046A NEXPERIA-74HCT4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com