Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40430SA Datasheet(PDF) 5 Page - Xicor Inc.

Part # X40430SA
Description  4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40430SA Datasheet(HTML) 5 Page - Xicor Inc.

  X40430SA Datasheet HTML 1Page - Xicor Inc. X40430SA Datasheet HTML 2Page - Xicor Inc. X40430SA Datasheet HTML 3Page - Xicor Inc. X40430SA Datasheet HTML 4Page - Xicor Inc. X40430SA Datasheet HTML 5Page - Xicor Inc. X40430SA Datasheet HTML 6Page - Xicor Inc. X40430SA Datasheet HTML 7Page - Xicor Inc. X40430SA Datasheet HTML 8Page - Xicor Inc. X40430SA Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
X40430/X40431 – Preliminary Information
Characteristics subject to change without notice.
5 of 24
REV 1.2.3 11/28/00
www.xicor.com
Figure 3. VTRIPX Set/Reset Conditions
VCC/V2MON/V3MON
VTRIPX
VP
tWC
A0h
0
7
70
7
0
SCL
WDO
SDA
(X = 1, 2, 3)
00h
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. The
microprocessor must toggle the SDA pin HIGH to LOW
periodically, while SCL also toggles from HIGH to LOW
(this is a start bit) followed by a stop condition prior to
the expiration of the watchdog time out period to pre-
vent a WDO signal going active. The state of two non-
volatile control bits in the Status Register determine
the watchdog timer period. The microprocessor can
change these watchdog bits by writing to the X40430/
31 control register (also refer to page 20).
Figure 4. Watchdog Restart
V1, V2 AND V3 THRESHOLD PROGRAM
PROCEDURE
The X40430 is shipped with standard V1, V2 and V3
threshold (VTRIP1, VTRIP2, VTRIP3) voltages. These
values will not change over normal operating and stor-
age conditions. However, in applications where the
standard thresholds are not exactly right, or if higher
precision is needed in the threshold value, the X40430
trip points may be adjusted. The procedure is described
below, and uses the application of a high voltage control
signal.
Setting a VTRIPx Voltage (x=1, 2, 3)
There are two procedures used to set the threshold
voltages (VTRIPx), depending if the threshold voltage to
be stored is higher or lower than the present value. For
example, if the present VTRIPx is 2.9 V and the new
VTRIPx is 3.2 V, the new voltage can be stored directly
into the VTRIPx cell. If however, the new setting is to be
lower than the present setting, then it is necessary to
“reset” the VTRIPx voltage before setting the new value.
Setting a Higher VTRIPx Voltage (x=1, 2, 3)
To set a VTRIPx threshold to a new voltage which is
higher than the present threshold, the user must apply
the desired VTRIPx threshold voltage to the corre-
sponding input pin (Vcc(V1MON), V2MON or V3MON).
The Vcc(V1MON), V2MON and V3MON must be tied
together during this sequence. Then, a programming
voltage (Vp) must be applied to the WDO pin before a
START condition is set up on SDA. Next, issue on the
SDA pin the Slave Address A0h, followed by the Byte
Address 01h for VTRIP1, 09h for VTRIP2, and 0Dh for
VTRIP3, and a 00h Data Byte in order to program
VTRIPx. The STOP bit following a valid write operation
initiates the programming sequence. Pin WDO must
then be brought LOW to complete the operation
SCL
SDA
.6µs
1.3µs
Timer Start


Similar Part No. - X40430SA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430S14-A INTERSIL-X40430S14-A Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40430S14-A INTERSIL-X40430S14-A Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40430S14-B INTERSIL-X40430S14-B Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40430S14-B INTERSIL-X40430S14-B Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430S14-B RENESAS-X40430S14-B Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results

Similar Description - X40430SA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com