Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADM483 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADM483
Description  5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM483 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM483
Rev. 0 | Page 4 of 16
TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
250
kbps
Propagation Delay tPLH, tPHL
250
800
2000
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 5
Skew tSKEW
100
800
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 5
Rise/Fall Time tR, tF
200
2000
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 5
Enable Time
125
2000
ns
RL = 500 Ω, CL = 100 pF, Figure 6
Disable Time
125
3000
ns
RL = 500 Ω, CL = 15 pF, Figure 6
Enable Time from Shutdown
5000
ns
RL = 500 Ω, CL = 100 pF, Figure 6
RECEIVER
Propagation Delay tPLH, tPHL
250
2000
ns
CL = 15 pF, Figure 7
Differential Skew tSKEW
100
ns
CL = 15 pF, Figure 7
Enable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 8
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 8
Enable Time from Shutdown
5000
ns
RL = 1 kΩ, CL = 15 pF, Figure 8
Time to Shutdown1
50
330
3000
ns
1 The device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to enter
shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to have entered shutdown mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn