Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4066 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74HCT4066
Description  Quad bilateral switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4066 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HCT4066 Datasheet HTML 11Page - NXP Semiconductors 74HCT4066 Datasheet HTML 12Page - NXP Semiconductors 74HCT4066 Datasheet HTML 13Page - NXP Semiconductors 74HCT4066 Datasheet HTML 14Page - NXP Semiconductors 74HCT4066 Datasheet HTML 15Page - NXP Semiconductors 74HCT4066 Datasheet HTML 16Page - NXP Semiconductors 74HCT4066 Datasheet HTML 17Page - NXP Semiconductors 74HCT4066 Datasheet HTML 18Page - NXP Semiconductors 74HCT4066 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
1998 Nov 10
15
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4066
Fig.15 Test circuit for measuring minimum frequency response.
Adjust input voltage to obtain 0 dBM at Vos when fin = 1 MHz. After set-up frequency of fin is increased to obtain a reading of −3 dB at Vos.
handbook, full pagewidth
0.1
µF
2RL
2RL
Vos
VCC
Vis
CL
dB
nZ/nY
nY/nZ
GND
MGR269
sine-wave
channel
ON
Fig.16 Test circuit for measuring sine wave distortion.
handbook, full pagewidth
MGR270
10
µF
2RL
2RL
Vos
VCC
Vis
CL
DISTORTION
METER
nZ/nY
nY/nZ
GND
fin = 1 kHz
sine-wave
channel
ON
Fig.17 Test circuit for measuring switch “OFF” signal feed-through.
handbook, full pagewidth
0.1
µF
2RL
2RL
Vos
VCC
Vis
CL
dB
nZ/nY
nY/nZ
GND
channel
OFF
MGR271


Similar Part No. - 74HCT4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74HCT4066 TI-74HCT4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
logo
NXP Semiconductors
74HCT4066 PHILIPS-74HCT4066 Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HCT4066 NXP-74HCT4066 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HCT4066 NXP-74HCT4066 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results

Similar Description - 74HCT4066

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com