Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM85C30-10PC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM85C30-10PC
Description  Enhanced Serial Communications Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-10PC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM85C30-10PC Datasheet HTML 1Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 2Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 3Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 4Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 5Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 6Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 7Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 8Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Publication# 10216
Rev. F
Amendment /0
Issue Date: June 1993
Advanced
Micro
Devices
Am85C30
Enhanced Serial Communications Controller
FINAL
DISTINCTIVE CHARACTERISTICS
s Fastest data rate of any Am8530
— 8.192 MHz / 2.048 Mb/s
— 10 MHz / 2.5 Mb/s
— 16.384 MHz / 4.096 Mb/s
s Low-power CMOS technology
s Pin and function compatible with other NMOS
and CMOS 8530s
s Easily interfaced with most CPUs
— Compatible with non-multiplexed bus
s Many enhancements over NMOS Am8530H
— Allows Am85C30 to be used more effectively in
high-speed applications
— Improves interface capabilities
s Two independent full-duplex serial channels
s Asynchronous mode features
— Programmable stop bits, clock factor, character
length and parity
— Break detection/generation
— Error detection for framing, overrun, and parity
s Synchronous mode features
— Supports IBM® BISYNC, SDLC, SDLC Loop,
HDLC, and ADCCP Protocols
— Programmable CRC generators and checkers
— SDLC/HDLC support includes frame control,
zero insertion and deletion, abort, and residue
handling
s Enhanced SCC functions support high-speed
frame reception using DMA
— 14-bit byte counter
— 10
× 19 SDLC/HDLC Frame Status FIFO
— Independent Control on both channels
— Enhanced operation does not allow special
receive conditions to lock the 3-byte DATA
FIFO when the 10
× 19 FIFO is enabled
s Local Loopback and Auto Echo modes
s Internal or external character synchronization
s 2-Mb/s FM encoding transmit and receive
capability using internal DPLL for 16.384-MHz
product
s Internal synchronization between RxC to PCLK
and TxC to PCLK
— This allows the user to eliminate external syn-
chronization hardware required by the NMOS
device when transmitting or receiving data at
the maximum rate of 1/4 PCLK frequency
GENERAL DESCRIPTION
AMD’s Am85C30 is an enhanced pin-compatible ver-
sion of the popular Am8530H Serial Communications
Controller. The Enhanced Serial Communications
Controller (ESCC) is a high-speed, low-power, multi-
protocol communications peripheral designed for use
with 8- and 16-bit microprocessors. It has two independ-
ent,full-duplex channels and functions as a serial-to-
parallel, parallel-to-serial converter/controller. AMD’s
proprietary enhancements make the Am85C30 easier
to interface and more effective in high-speed applica-
tions due to a reduction in software burden and the elimi-
nation of the need for some external glue logic.
The Am85C30 is easy to use due to a variety of sophisti-
cated internal functions, including on-chip baud rate
generators, digital phase-locked loops, and crystal
oscillators, which dramatically reduce the need for ex-
ternal logic. The device can generate and check CRC
codes in any SYNC mode, and can be programmed to
check data integrity in various modes. The ESCC also
has facilities for modem controls in both channels. In ap-
plications where these controls are not needed, the mo-
dem controls can be used for general-purpose I/O.
This versatile device supports virtually any serial data
transfer application such as networks, modems, cas-
settes, and tape drivers. The ESCC is designed for non-
multiplexed buses and is easily interfaced with most
CPUs, such as 80188, 80186, 80286, 8080, Z80, 6800,
68000 and MULTIBUS
™.


Similar Part No. - AM85C30-10PC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
797Kb / 194P
   Serial Communications Controller
More results

Similar Description - AM85C30-10PC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
   ENHANCED SERIAL COMMUNICATIONS CONTROLLER
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
   INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com