Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKTF102-08HJN Datasheet(PDF) 4 Page - International Rectifier

Part # IRKTF102-08HJN
Description  FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKTF102-08HJN Datasheet(HTML) 4 Page - International Rectifier

  IRKTF102-08HJN Datasheet HTML 1Page - International Rectifier IRKTF102-08HJN Datasheet HTML 2Page - International Rectifier IRKTF102-08HJN Datasheet HTML 3Page - International Rectifier IRKTF102-08HJN Datasheet HTML 4Page - International Rectifier IRKTF102-08HJN Datasheet HTML 5Page - International Rectifier IRKTF102-08HJN Datasheet HTML 6Page - International Rectifier IRKTF102-08HJN Datasheet HTML 7Page - International Rectifier IRKTF102-08HJN Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRK.F102.. Series
4
Bulletin I27097 rev. A 09/97
www.irf.com
∆R
thJC
Conduction
(The following table shows the increment of thermal resistance R
thJC
when devices operate at different conduction angles than DC)
Conduction angle
Sinusoidal conduction Rectangular conduction
Units
Conditions
180°
0.016
0.011
K/W
T
J
= 125°C
120°
0.019
0.020
90°
0.024
0.026
60°
0.035
0.037
30°
0.060
0.060
IRK
T
F
10
2
-
08
H
L
N
1
2
3
1
- Module type
2
- Circuit configuration
3
- Fast SCR
4
- Current rating: IT(AV) x 10 rounded
5
- 1 =
option with spacers and longer terminal screws
2 =
option with standard terminal screws
6
- Voltage code: Code x 100 = VRRM (See Voltage Ratings Table)
7
- dv/dt code: H
≤ 400V/µs
8
-t
q code: K ≤ 20µs
J
≤ 25µs
9
- None = Standard devices
N
= Aluminum nitrade substrate
4
Device Code
Ordering Information Table
5
6
7
8
8
NOTE: To order the Optional Hardware see Bulletin I27900


Similar Part No. - IRKTF102-08HJN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF102-08HJN IRF-IRKTF102-08HJN Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKTF102-08HJN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF112 IRF-IRKTF112 Datasheet
141Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKF102 IRF-IRKF102 Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF72 IRF-IRKTF72 Datasheet
193Kb / 8P
   FAST THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKTF82 IRF-IRKTF82 Datasheet
127Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKLF200-12HJ VISHAY-VSKLF200-12HJ Datasheet
1Mb / 12P
   Fast Thyristor/Diode and Thyristor
Revision: 19-Jul-10
logo
International Rectifier
IRKF132 IRF-IRKF132 Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com