Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163827A Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT163827A
Description  3.3V CMOS 20-BIT BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163827A Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT163827A Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDT74FCT163827A/C
3.3V CMOS 20-BIT BUFFER
INDUSTRIALTEMPERATURERANGE
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input pins)
Guaranteed Logic HIGH Level
2
5.5
V
Input HIGH Level (I/O pins)
2
VCC+0.5
VIL
Input LOW Level (Input and I/O pins) Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current (Input pins)
VCC = Max.
VI = 5.5V
±1
Input HIGH Current (I/O pins)
VI = VCC
——
±1µA
IIL
Input LOW Current (Input pins)
VI = GND
±1
Input LOW Current (I/O pins)
VI = GND
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = VCC
——
±1µA
IOZL
(3-State Output pins)
VO = GND
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
–36
–60
–110
mA
IODL
Output LOW Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
50
90
200
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –0.1mA
VCC-0.2
VIN = VIH or VIL
IOH = –3mA
2.4
3
V
VCC = 3V
IOH = –8mA
2.4(5)
3—
VIN = VIH or VIL
VOL
OutputLOWVoltage
VCC = Min.
IOL = 0.1mA
0.2
VIN = VIH or VIL
IOL = 16mA
0.2
0.4
IOL = 24mA
0.3
0.55
V
VCC = 3V
IOL = 24mA
0.3
0.5
VIN = VIH or VIL
IOS
Short Circuit Current(4)
VCC = Max., VO = GND(3)
–60
–135
–240
mA
VH
Input Hysteresis
150
mV
ICCL
Quiescent Power Supply Current
VCC = Max.
0.1
10
µA
ICCH
VIN = GND or VCC
ICCZ
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 2.7V to 3.6V
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC–0.6V at rated current.


Similar Part No. - IDT74FCT163827A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163827A IDT-IDT74FCT163827A Datasheet
85Kb / 7P
   3.3V CMOS 20-BIT BUFFER
IDT74FCT163827A IDT-IDT74FCT163827A_18 Datasheet
85Kb / 7P
   3.3V CMOS 20-BIT BUFFER
More results

Similar Description - IDT74FCT163827A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163827A IDT-IDT74FCT163827A_18 Datasheet
85Kb / 7P
   3.3V CMOS 20-BIT BUFFER
logo
Renesas Technology Corp
74FCT163827A RENESAS-74FCT163827A Datasheet
267Kb / 8P
   3.3V CMOS 20-BIT BUFFER
MAY 2019
logo
Integrated Device Techn...
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH32244 IDT-IDT74ALVCH32244_15 Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
IDT74LVC162244A IDT-IDT74LVC162244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH16244 IDT-IDT74ALVCH16244_16 Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
IDT74LVCH16244A IDT-IDT74LVCH16244A_15 Datasheet
224Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH162244A IDT-IDT74LVCH162244A_15 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_09 Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com