Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74CBTLV16800PA Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74CBTLV16800PA
Description  LOW-VOLTAGE 20-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV16800PA Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74CBTLV16800PA Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV16800PA Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV16800PA Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV16800PA Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV16800PA Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV16800
LOW-VOLTAGE 20-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max.
Unit
VCC
SupplyVoltageRange
–0.5 to 4.6
V
BIASV
Bias Voltage Range, VI
–0.5 to 4.6
V
VI
InputVoltageRange
–0.5 to 4.6
V
ContinuousChannelCurrent
128
mA
IIK
Input Clamp Current, VI/O < 0
–50
mA
TSTG
StorageTemperatureRange
–65to+150
°C
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Z = High-Impedance
PIN CONFIGURATION
Input OE
Inputs/Outputs
L
A-Port = B-Port
H
A-Port = Z
B-Port = BIASV
FUNCTION TABLE (EACH10-BITBUSSWITCH)(1)
OPERATING CHARACTERISTICS(1)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VCC
SupplyVoltage
2.3
3.6
V
BIASV
BiasVoltage
1.3
VCC
V
VIH
High-LevelControlInputVoltage
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Low-LevelControlInputVoltage
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
TA
OperatingFree-AirTemperature
–40
+85
°C
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
SSOP/ TSSOP/ TVSOP
TOP VIEW
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
2OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
BIASV
1
A1
GND
1
A2
1
A3
1
A4
VCC
1
A5
1
A6
1
A7
1
A8
2
A1
2
A2
2
A3
2
A4
GND
2
A5
2
A6
2
A7
2
A8
1
A9
1
A10
2
A9
2
A10
1
B1
GND
1
B2
1
B3
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B2
2
B3
2
B4
GND
2
B5
2
B6
2
B7
2
B8
1
B9
1
B10
2
B9
2
B10


Similar Part No. - IDT74CBTLV16800PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
87Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16210PA IDT-IDT74CBTLV16210PA Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16210PAG IDT-IDT74CBTLV16210PAG Datasheet
87Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16210PAG8 IDT-IDT74CBTLV16210PAG8 Datasheet
87Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
More results

Similar Description - IDT74CBTLV16800PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16800 TI-SN74CBTLV16800_08 Datasheet
330Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTLV16800 TI-SN74CBTLV16800 Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800 Datasheet
69Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
74CBTLV6800 RENESAS-74CBTLV6800 Datasheet
266Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800_14 Datasheet
98Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com