Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4059 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4059
Description  Programmable divide-by-n counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4059 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4059 Datasheet HTML 1Page - NXP Semiconductors 74HC4059 Datasheet HTML 2Page - NXP Semiconductors 74HC4059 Datasheet HTML 3Page - NXP Semiconductors 74HC4059 Datasheet HTML 4Page - NXP Semiconductors 74HC4059 Datasheet HTML 5Page - NXP Semiconductors 74HC4059 Datasheet HTML 6Page - NXP Semiconductors 74HC4059 Datasheet HTML 7Page - NXP Semiconductors 74HC4059 Datasheet HTML 8Page - NXP Semiconductors 74HC4059 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1998 Jul 08
3
Philips Semiconductors
Product specification
Programmable divide-by-n counter
74HC/HCT4059
If n = 8 479 and the selected mode = 10, the preset
value = 8 479/10 with a remainder of 9, thus the JAM
inputs must be set as shown in Table 3.
To verify:
n = 10 (1 000
× 0 + 100 × 8 + 10 × 4 + 1 × 7) + 9
n = 8 479.
The three decades of the intermediate counting section
can be preset to a binary 15 instead of a BCD 9. In this
case the first cycle of a counter consists of 15 count
pulses, the next cycles consisting of 10 counting pulses.
Thus the place value of the three decades are still 1, 10
and 100. For example, in the divide-by-8 mode, the
number from which the intermediate counting section
begins to count-down can be preset to:
3rd decade: 1 500
2nd decade:
150
1st decade:
15
The last counting section can be preset to a maximum of
1, with a place value of 1 000. The first counting section
can be preset to a maximum of 7. To calculate n:
n = 8 (1 000
× 1 + 100 × 15 + 10 × 15 + 1 × 15) + 7
n = 21 327.
21 327 is the maximum possible count in the divide-by-8
mode. The highest count of the various modes is shown in
the Function table, in the column entitled “binary counter
range”.
The mode select inputs permit, when used with decimal
programming, a non-BCD least significant digit. For
example, the channel spacing in a radio is 12.5 kHz, it may
be convenient to program the counter in decimal steps of
100 kHz subdivided into 8 steps of 12.5 kHz controlled by
the least significant digit. Also frequency synthesizer
channel separations of 10, 12.5, 20, 25 and 50 parts can
be chosen by the mode select inputs. This is called
“Fractional extension”. A similar extension called “Half
channel offset” can be obtained in modes 2, 4, 6 and 8, if
the JAM inputs are switched between zero and 1, 2, 3 and
4 respectfully. This is illustrated in Fig.5.
This feature is used primarily in cases where radio
channels are allocated according to the following formula:
Channel frequency = channel spacing x (N
+ 0.5)
N is an integer.
Control inputs Kb and Kc can be used to initiate and lock
the counter in the “master preset” mode. In this condition
the flip-flops in the counter are preset in accordance with
the JAM inputs and the counter remains in that mode as
long as Kb and Kc both remain LOW. The counter begins
to count down from the preset state when a counting mode
other than the “master preset” mode is selected.
Whenever the “master preset” mode is used, control
signals Kb =Kc = LOW must be applied for at least 2 full
clock pulses. After the “master preset” mode inputs have
been changed to one of the counting modes, the next
positive-going clock transition changes an internal flip-flop
so that the count-down begins on the second
positive-going clock transition. Thus, after a “master
preset” mode, there is always one extra count before the
output goes HIGH. Figure 6 illustrates the operation of the
counter in the divide-by-8 mode starting from the preset
state 3.
If the “master preset” mode is started two clock cycles or
less before an output pulse, the output pulse will appear at
the correct moment. When the output pulse appears and
the “master preset” mode is not selected, the counter is
preset according to the states of the JAM inputs.
When Ka, Kb, Kc and LE are LOW, the counter operates in
the “preset inhibit” mode, during which the counter divides
at a fixed rate of 10 000, independent of the state of the
JAM inputs. However, the first cycle length after leaving
the “master preset” mode is determined by the JAM inputs.
When Ka, Kb and Kc are LOW and input LE = HIGH, the
counter operates in the normal divide-by-10 mode,
however, without the latch operation at the output.
This device is particularly advantageous in digital
frequency synthesizer circuits (VHF, UHF, FM, AM etc.)
for communication systems, where programmable
divide-by-”n” counters are an integral part of the
synthesizer phase-locked-loop sub-system. The
74HC/HCT4059 can also be used to perform the
synthesizer “fixed divide-by-n” counting function, as well
as general purpose counting for instrumentation functions
such as totalizers, production counters and “time out”
timers.
Schmitt-trigger action at the clock input makes the circuit
highly tolerant to slower clock rise and fall times.


Similar Part No. - 74HC4059

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
logo
Nexperia B.V. All right...
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
logo
Toshiba Semiconductor
74HC4050AF TOSHIBA-74HC4050AF Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
NXP Semiconductors
74HC4050D PHILIPS-74HC4050D Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
More results

Similar Description - 74HC4059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
   Programmable divide-by-n counter
logo
NXP Semiconductors
HEF4059B PHILIPS-HEF4059B Datasheet
58Kb / 6P
   Programmable divide-by-n counter
January 1995
logo
Texas Instruments
CD4059AE TI1-CD4059AE Datasheet
533Kb / 14P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4059A TI-CD4059A Datasheet
394Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
   PRESETTABLE DIVIDE-BY-N COUNTER
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
   PRESTTABLE DIVIDE-BY-N COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com