Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ES60T22D Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC100ES60T22D
Description  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES60T22D Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC100ES60T22D Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES60T22D Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES60T22D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES60T22D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES60T22D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES60T22D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES60T22D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES60T22D Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
3
MC100ES60T22
Figure 2. Typical Termination for Output Driver and Device Evaluation
Table 5. AC Characteristics (VCC = 3.134 V to 3.8 V; VEE = 0 V)
-40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1
1
1
GHz
tPLH,
tPHL
Propagation Delay
100
260
400
100
280
400
100
280
450
ps
tSKEW Skew
part-to-part
300
300
350
ps
tJITTER Cycle-to-Cycle Jitter
RMS (1
σ)
1
1
1
ps
VoutPP Output Peak-to-Peak Voltage
350
750
350
750
350
750
mV
tr / tf
Output Rise/Fall Times (20% – 80%)
50
400
50
400
50
400
ps
50
Driver
Device
Receiver
Device
Q
Qb
D
Db
50
V TT


Similar Part No. - MC100ES60T22D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
MC100ES60T23EF RENESAS-MC100ES60T23EF Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
MC100ES60T23EFR2 RENESAS-MC100ES60T23EFR2 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
More results

Similar Description - MC100ES60T22D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com