Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628511HCI Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HM628511HCI
Description  Wide Temperature Range Version 4M High Speed SRAM (512-kword8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM628511HCI Datasheet(HTML) 3 Page - Renesas Technology Corp

  HM628511HCI Datasheet HTML 1Page - Renesas Technology Corp HM628511HCI Datasheet HTML 2Page - Renesas Technology Corp HM628511HCI Datasheet HTML 3Page - Renesas Technology Corp HM628511HCI Datasheet HTML 4Page - Renesas Technology Corp HM628511HCI Datasheet HTML 5Page - Renesas Technology Corp HM628511HCI Datasheet HTML 6Page - Renesas Technology Corp HM628511HCI Datasheet HTML 7Page - Renesas Technology Corp HM628511HCI Datasheet HTML 8Page - Renesas Technology Corp HM628511HCI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HM628511HCI Series
Wide Temperature Range Version
4M High Speed SRAM (512-kword
× 8-bit)
ADE-203-1304A (Z)
Rev. 1.0
Nov. 30, 2001
Description
The HM628511HCI Series is a 4-Mbit high speed static RAM organized 512-k word
× 8-bit. It has
realized high speed access time by employing CMOS process (6-transistor memory cell)and high speed
circuit designing technology. It is most appropriate for the application which requires high speed, high
density memory and wide bit width configuration, such as cache and buffer memory in system. It is
packaged in 400-mil 36-pin plastic SOJ.
Features
• Single 5.0 V supply: 5.0 V ± 10 %
• Access time: 12 ns (max)
• Completely static memory
 No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
 All inputs and outputs
• Operating current: 130 mA (max)
• TTL standby current: 40 mA (max)
• CMOS standby current : 5 mA (max)
• Center V
CC and VSS type pin out
• Temperature range : –40 to +85°C
Ordering Information
Type No.
Access time
Device marking
Package
HM628511HCJPI-12
12 ns
HM628511CJPI12
400-mil 36-pin plastic SOJ (CP-36D)


Similar Part No. - HM628511HCI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628511HC HITACHI-HM628511HC Datasheet
69Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
HM628511HCJP-10 HITACHI-HM628511HCJP-10 Datasheet
69Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
HM628511HCLJP-10 HITACHI-HM628511HCLJP-10 Datasheet
69Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
More results

Similar Description - HM628511HCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1RP0408DI RENESAS-R1RP0408DI Datasheet
79Kb / 12P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
R1RW0408DI RENESAS-R1RW0408DI_15 Datasheet
102Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
R1RW0408DI RENESAS-R1RW0408DI Datasheet
79Kb / 12P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Hitachi Semiconductor
REJ03C0098_R1LV0408C HITACHI-REJ03C0098_R1LV0408C Datasheet
94Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
R1LP0408C-I RENESAS-R1LP0408C-I Datasheet
87Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
R1RW0416DI RENESAS-R1RW0416DI_10 Datasheet
472Kb / 13P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
R1RP0416DI RENESAS-R1RP0416DI_15 Datasheet
119Kb / 16P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
R1RW0416DI RENESAS-R1RW0416DI Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
logo
Hitachi Semiconductor
R1LP0408C HITACHI-R1LP0408C Datasheet
78Kb / 14P
   Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com