Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4052 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4052 Datasheet HTML 1Page - NXP Semiconductors 74HC4052 Datasheet HTML 2Page - NXP Semiconductors 74HC4052 Datasheet HTML 3Page - NXP Semiconductors 74HC4052 Datasheet HTML 4Page - NXP Semiconductors 74HC4052 Datasheet HTML 5Page - NXP Semiconductors 74HC4052 Datasheet HTML 6Page - NXP Semiconductors 74HC4052 Datasheet HTML 7Page - NXP Semiconductors 74HC4052 Datasheet HTML 8Page - NXP Semiconductors 74HC4052 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2004 Nov 11
2
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
FEATURES
• Wide analog input voltage range from −5 V to +5 V
• Low ON-resistance:
–80
Ω (typical) at VCC − VEE = 4.5 V
–70
Ω (typical) at VCC − VEE = 6.0 V
–60
Ω (typical) at VCC − VEE = 9.0 V
• Logic level translation: to enable 5 V logic to
communicate with
±5 V analog signals
• Typical “break before make” built in
• Complies with JEDEC standard no. 7A
• ESD protection:
– HBM EIA/JESD22-A114-B exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 °C to +85 °C and −40 °C to +125 °C.
APPLICATIONS
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating.
DESCRIPTION
The 74HC4052 and 74HCT4052 are high-speed Si-gate
CMOS devices and are pin compatible with the
HEF4052B. They are specified in compliance with JEDEC
standard no. 7A.
The 74HC4052 and 74HCT4052 are dual 4-channel
analog multiplexers or demultiplexers with common select
logic. Each multiplexer has four independent
inputs/outputs (pins nY0 to nY3) and a common
input/output (pin nZ). The common channel select logics
include two digital select inputs (pins S0 and S1) and an
active LOW enable input (pin E). When pin E = LOW, one
of the four switches is selected (low-impedance ON-state)
with pins S0 and S1. When pin E = HIGH, all switches are
in the high-impedance OFF-state, independent of pins S0
and S1.
VCC and GND are the supply voltage pins for the digital
control inputs (pins S0, S1, and E). The VCC to GND
ranges are 2.0 V to 10.0 V for 74HC4052 and
4.5 V to 5.5 V for 74HCT4052. The analog inputs/outputs
(pins nY0 to nY3 and nZ) can swing between VCC as a
positive limit and VEE as a negative limit. VCC − VEE may
not exceed 10.0 V.
For operation as a digital multiplexer/demultiplexer, VEE is
connected to GND (typically ground).
FUNCTION TABLE
Note
1. H = HIGH voltage level
L = LOW voltage level
X = don’t care.
INPUT(1)
CHANNEL BETWEEN
ES1
S0
L
L
L
nY0 and nZ
L
L
H
nY1 and nZ
L
H
L
nY2 and nZ
L
H
H
nY3 and nZ
H
X
X
none


Similar Part No. - 74HC4052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4052 PHILIPS-74HC4052 Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
Nexperia B.V. All right...
74HC4052 NEXPERIA-74HC4052 Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
More results

Similar Description - 74HC4052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com