Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC088S052 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC088S052
Description  8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S052 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC088S052 Datasheet HTML 6Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 7Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 8Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 9Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 10Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 11Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 12Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 13Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Characteristics V
A =VD = +5.0V, TA = +25˚C, fSAMPLE = 500 kSPS, fSCLK =8
MHz, f
IN = 40.2 kHz unless otherwise stated. (Continued)
INL vs. SCLK Duty Cycle
SNR vs. SCLK Duty Cycle
20166658
20166661
THD vs. SCLK Duty Cycle
ENOB vs. SCLK Duty Cycle
20166664
20166652
DNL vs. SCLK
INL vs. SCLK
20166656
20166659
www.national.com
10


Similar Part No. - ADC088S052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC088S052 TI1-ADC088S052 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMT TI1-ADC088S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMT/NOPB TI1-ADC088S052CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMTX TI1-ADC088S052CIMTX Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMTX/NOPB TI1-ADC088S052CIMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC088S052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com