Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9261A-42CX Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9261A-42CX
Description  VFM Step-up DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9261A-42CX Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9261A-42CX Datasheet HTML 1Page - Richtek Technology Corporation RT9261A-42CX Datasheet HTML 2Page - Richtek Technology Corporation RT9261A-42CX Datasheet HTML 3Page - Richtek Technology Corporation RT9261A-42CX Datasheet HTML 4Page - Richtek Technology Corporation RT9261A-42CX Datasheet HTML 5Page - Richtek Technology Corporation RT9261A-42CX Datasheet HTML 6Page - Richtek Technology Corporation RT9261A-42CX Datasheet HTML 7Page - Richtek Technology Corporation RT9261A-42CX Datasheet HTML 8Page - Richtek Technology Corporation RT9261A-42CX Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9261/A
Preliminary
www.richtek-ic.com.tw
DS9261/A-03 January 2002
2
Absolute Maximum Ratings
Output Voltage
8V
LX Pin Voltage
(1)
8V
EXT Pin Voltage
(2)
-0.3 to VOUT +0.3V
CE Pin Voltage
(3)
-0.3 to VOUT +0.3V
LX Pin Output Current
(1)
250mA
EXT Pin Current
(2)
±50mA
Power Dissipation, PD @ TA = 25
°C
SOT-89
0.5W
SOT-25
0.25W
Package Thermal Resistance
SOT-89,
θJC
100
°C/W
SOT-89,
θJA
300
°C/W
SOT-25,
θJA
250
°C/W
Operating Temperature Range
-20 to +85
°C
Storage Temperature Range
165
°C
Lead Temperature (Soldering, 10 sec.)
260
°C
Notes:
(1) Applicable to RT9261-
CX and RT9261-
CB
(2) Applicable to RT9261A-
CX and RT9261A-
CB
(3) Applicable to RT9261-
CB and RT9261A-
CB
Electrical Characteristics (Refer to Fig. 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Output Voltage Accuracy
∆VOUT
-2
--
+2
%
Input Voltage
VIN
--
--
7
V
Start-up Voltage
VST
IOUT = 1mA, VIN: 0
→ 2V
--
0.85
1.0
V
Hold-on Voltage
VHO
IOUT = 1mA, VIN: 2
→ 0V
0.7
--
--
V
VOUT
≤ 3.5V
(1)
--
15
18
Input Current 1
3.5V
< VOUT ≤ 5V
(2)
To be measured at VIN at
no load
--
18
24
µA
Input Current 2
To be measured at VOUT
in switch off condition
--
5
8
µA
VOUT
≤ 3.5V
(1)
60
--
--
LX Switching Current
3.5V
< VOUT ≤ 5V
(2)
ISWITCHING VLX = 0.4V
80
--
--
mA
LX Leakage Current
ILEAKAGE
VLX = 6V
--
--
0.5
µA
Maximum Oscillator
FMAX
80
120
160
KHz
Oscillator Duty Cycle
DOSC
On ( VLX ” L ” ) side
65
75
85
%
Efficiency
--
75
--
%
VLX Voltage Limit
LX switch on
0.65
0.8
1.0
V
Notes:
(1) VIN = 1.8V, VSS = 0V, IOUT = 10mA, TOPT = 25
°C, and External Circuit of Typical Application
(2) VIN = 3V, VSS = 0V, IOUT = 10mA, TOPT = 25
°C, and External Circuit of Typical Application


Similar Part No. - RT9261A-42CX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261A-49GB RICHTEK-RT9261A-49GB Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
RT9261A-49GX RICHTEK-RT9261A-49GX Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
RT9261A-49PB RICHTEK-RT9261A-49PB Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
RT9261A-49PX RICHTEK-RT9261A-49PX Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
More results

Similar Description - RT9261A-42CX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com