Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4051 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74HC4051
Description  8-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4051 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HC4051 Datasheet HTML 8Page - NXP Semiconductors 74HC4051 Datasheet HTML 9Page - NXP Semiconductors 74HC4051 Datasheet HTML 10Page - NXP Semiconductors 74HC4051 Datasheet HTML 11Page - NXP Semiconductors 74HC4051 Datasheet HTML 12Page - NXP Semiconductors 74HC4051 Datasheet HTML 13Page - NXP Semiconductors 74HC4051 Datasheet HTML 14Page - NXP Semiconductors 74HC4051 Datasheet HTML 15Page - NXP Semiconductors 74HC4051 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
December 1990
15
Philips Semiconductors
Product specification
8-channel analog multiplexer/demultiplexer
74HC/HCT4051
TEST CIRCUIT AND WAVEFORMS
Fig.19 Test circuit for measuring AC performance.
Conditions
TEST
SWITCH
Vis
tPZH
tPZL
tPHZ
tPLZ
others
VEE
VCC
VEE
VCC
open
VCC
VEE
VCC
VEE
pulse
FAMILY AMPLITUDE
VM
tr; tf
fmax;
PULSE WIDTH
OTHER
74HC
74HCT
VCC
3.0 V
50%
1.3 V
< 2ns
< 2ns
6ns
6ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values).
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tr =tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.
Fig.20 Input pulse definitions.
Conditions
TEST
SWITCH
Vis
tPZH
tPZL
tPHZ
tPLZ
others
VEE
VCC
VEE
VCC
open
VCC
VEE
VCC
VEE
pulse
FAMILY AMPLITUDE
VM
tr; tf
fmax;
PULSE WIDTH
OTHER
74HC
74HCT
VCC
3.0 V
50%
1.3 V
< 2ns
< 2ns
6ns
6ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values).
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tr =tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.


Similar Part No. - 74HC4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74HC4051 TI-74HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
logo
NXP Semiconductors
74HC4051 NXP-74HC4051 Datasheet
220Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HC4051 PHILIPS-74HC4051 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
74HC4051 NEXPERIA-74HC4051 Datasheet
399Kb / 28P
   8-channel analog multiplexer/demultiplexer
Rev. 11 - 5 December 2022
74HC4051-Q100 NEXPERIA-74HC4051-Q100 Datasheet
913Kb / 31P
   8-channel analog multiplexer/demultiplexer
More results

Similar Description - 74HC4051

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com