Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74HC4051
Description  8-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC4051 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
December 1990
6
Philips Semiconductors
Product specification
8-channel analog multiplexer/demultiplexer
74HC/HCT4051
Fig.6
Guaranteed operating area as a function of
the supply voltages for 74HC4051.
Fig.7
Guaranteed operating area as a function of
the supply voltages for 74HCT4051.
DC CHARACTERISTICS FOR 74HC/HCT
For 74HC: VCC − GND or VCC − VEE = 2.0, 4.5, 6.0 and 9.0 V
For 74HCT: VCC − GND = 4.5 and 5.5 V; VCC − VEE = 2.0, 4.5, 6.0 and 9.0 V
Notes to DC characteristics
1. At supply voltages (VCC − VEE) approaching 2.0 V the analog switch ON-resistance becomes extremely non-linear.
Therefore it is recommended that these devices be used to transmit digital signals only, when using these supply
voltages.
2. For test circuit measuring RON see Fig.8.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC/HCT
VCC
(V)
VEE
(V)
IS
(
µA)
Vis
VI
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
RON
ON resistance (peak)
100
90
70
180
160
130
225
200
165
270
240
195
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VCC
to
VEE
VIH
or
VIL
RON
ON resistance (rail)
150
80
70
60
140
120
105
175
150
130
210
180
160
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VEE VIH
or
VIL
RON
ON resistance (rail)
150
90
80
65
160
140
120
200
175
150
240
210
180
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VCC VIH
or
VIL
∆R
ON
maximum
∆ON
resistance between
any two channels
9
8
6
2.0
4.5
6.0
4.5
0
0
0
−4.5
VCC
to
VEE
VIH
or
VIL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn