Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4040 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT4040
Description  12-stage binary ripple counter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4040 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT4040 Datasheet HTML 6Page - NXP Semiconductors 74HCT4040 Datasheet HTML 7Page - NXP Semiconductors 74HCT4040 Datasheet HTML 8Page - NXP Semiconductors 74HCT4040 Datasheet HTML 9Page - NXP Semiconductors 74HCT4040 Datasheet HTML 10Page - NXP Semiconductors 74HCT4040 Datasheet HTML 11Page - NXP Semiconductors 74HCT4040 Datasheet HTML 12Page - NXP Semiconductors 74HCT4040 Datasheet HTML 13Page - NXP Semiconductors 74HCT4040 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
10 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −4.0 mA; VCC = 4.5 V
3.84
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.33
V
ILl
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
80.0
µA
∆ICC
additional quiescent supply
current
VI = VCC − 2.1 V; VCC = 4.5 V
to 5.5 V; IO = 0 A
CP
-
-
383
µA
MR
-
-
495
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −4.0 mA; VCC = 4.5 V
3.7
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.4
V
ILl
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
160.0
µA
∆ICC
additional quiescent supply
current
VI = VCC − 2.1 V; VCC = 4.5 V
to 5.5 V; IO =0A
CP
-
-
417
µA
MR
-
-
539
µA
Table 8:
Static characteristics for 74HCT4040 …continued
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74HCT4040

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
74HCT4040-Q100 NEXPERIA-74HCT4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
74HCT4040BQ NEXPERIA-74HCT4040BQ Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
74HCT4040BQ-Q100 NEXPERIA-74HCT4040BQ-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
74HCT4040D NEXPERIA-74HCT4040D Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
More results

Similar Description - 74HCT4040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com