Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4016N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC4016N
Description  Quad bilateral switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4016N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4016N Datasheet HTML 6Page - NXP Semiconductors 74HC4016N Datasheet HTML 7Page - NXP Semiconductors 74HC4016N Datasheet HTML 8Page - NXP Semiconductors 74HC4016N Datasheet HTML 9Page - NXP Semiconductors 74HC4016N Datasheet HTML 10Page - NXP Semiconductors 74HC4016N Datasheet HTML 11Page - NXP Semiconductors 74HC4016N Datasheet HTML 12Page - NXP Semiconductors 74HC4016N Datasheet HTML 13Page - NXP Semiconductors 74HC4016N Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
December 1990
11
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4016
Fig.10 Typical switch “OFF” signal feed-through as a function of frequency.
Test conditions:
VCC = 4.5 V; GND = 0 V;
RL =50 Ω;Rsource =1 kΩ.
Fig.11 Typical frequency response.
Test conditions:
VCC = 4.5 V; GND = 0 V;
RL =50 Ω;Rsource =1 kΩ.


Similar Part No. - 74HC4016N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
74HC4016D NEXPERIA-74HC4016D Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
logo
ON Semiconductor
74HC4016J ONSEMI-74HC4016J Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
logo
National Semiconductor ...
74HC4016J NSC-74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
logo
Nexperia B.V. All right...
74HC4016PW NEXPERIA-74HC4016PW Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
More results

Similar Description - 74HC4016N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com