Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD5.1M Datasheet(PDF) 1 Page - NEC

Part # RD5.1M
Description  ZENER DIODES 200 mW 3-PIN MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD5.1M Datasheet(HTML) 1 Page - NEC

  RD5.1M Datasheet HTML 1Page - NEC RD5.1M Datasheet HTML 2Page - NEC RD5.1M Datasheet HTML 3Page - NEC RD5.1M Datasheet HTML 4Page - NEC RD5.1M Datasheet HTML 5Page - NEC RD5.1M Datasheet HTML 6Page - NEC RD5.1M Datasheet HTML 7Page - NEC RD5.1M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1995
DATA SHEET
ZENER DIODES
RD2.0M to RD47M
ZENER DIODES
200 mW 3-PIN MINI MOLD
PACKAGE DIMENSIONS
(Unit: mm)
DESCRIPTION
Type RD2.0M to RD47M Series are planar type zener diodes
processing an allowable power dissipation of 200 mW.
FEATURES
Planar process
VZ; Applied E24 standard.
APPLICATIONS
Circuits for,
Constant Voltage, Constant Current,
Waveform clipper, Surge absorber, etc.
MAXIMUM RATINGS (TA = 25
°C)
Power Dissipation
P
200 mW
Forward Current
IF
150 mA
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Peak Reverse Power
PRSM
100 W (t = 10
µs)
Document No. D14716EJ6V0DS00 (6th edition)
(Previous No. DC-2141)
Date Published June 2000 N CP(K)
Printed in Japan
2.8
± 0.2
1.5
0.65
+0.1
–0.15
2
1
3
Marking
A
2
1
3
K
1 . NC
2 . Anode : A SC-59 (EIAJ)
3 . Cathode: K
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - RD5.1M

ManufacturerPart #DatasheetDescription
logo
NEC
RD5.1M NEC-RD5.1M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD5.1MW NEC-RD5.1MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results

Similar Description - RD5.1M

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com