Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD29080PT90 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD29080PT90
Description  800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080PT90 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD29080PT90 Datasheet HTML 3Page - STMicroelectronics LD29080PT90 Datasheet HTML 4Page - STMicroelectronics LD29080PT90 Datasheet HTML 5Page - STMicroelectronics LD29080PT90 Datasheet HTML 6Page - STMicroelectronics LD29080PT90 Datasheet HTML 7Page - STMicroelectronics LD29080PT90 Datasheet HTML 8Page - STMicroelectronics LD29080PT90 Datasheet HTML 9Page - STMicroelectronics LD29080PT90 Datasheet HTML 10Page - STMicroelectronics LD29080PT90 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LD29080 SERIES
7/21
Table 8: Electrical Characteristics Of LD29080#33
(IO = 10mA (Note 4), TJ = 25°C, VI = 5.3V, VINH = 2V, CI = 330nF, CO = 10µF, unless otherwise specified)
NOTE 1: Guaranteed by design.
NOTE 2: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with VO+1V
applied to VI.
NOTE 3: Reference Voltage is measured between output and GND pins, with ADJ PIN tied to VOUT.
NOTE 4: in order to avoid any output voltage rise within the whole operating temperature range, due to output leakage current, a minimum
load current of 2mA is required.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Operating Input Voltage
IO = 10mA to 800mA
13
V
VO
Output Voltage
IO = 10mA to 800mA, VI = 4.3 to 8.8V
TJ = -40 to 125°C
3.267
3.3
3.333
V
3.218
3.382
∆V
O
Load Regulation
IO = 10mA to 800mA
0.2
1.0
%
∆V
O
Line Regulation
VI = 4.3 to 13V
0.06
0.5
%
SVR
Supply Voltage Rejection
f = 120 Hz, VI = 5.3 ± 1V, IO = 400mA
(Note 1)
52
67
dB
VDROP Dropout Voltage
IO = 150mA,TJ = -40 to 125°C (Note 2)
0.1
V
IO = 400mA,TJ = -40 to 125°C (Note 2)
0.2
IO = 800mA,TJ = -40 to 125°C (Note 2)
0.4
0.7
Iq
Quiescent Current
IO = 10mA,
TJ = -40 to 125°C
2
5
mA
IO = 400mA,
TJ = -40 to 125°C
8
20
IO = 800mA,
TJ = -40 to 125°C
14
35
VI = 13V, VINH = GND
TJ = -40 to 125°C
130
180
µA
Isc
Short Circuit Current
RL = 0
1.2
A
VIL
Control Input Logic Low
OFF MODE
TJ = -40 to 125°C
0.8
V
VIH
Control Input Logic High
ON MODE
TJ = -40 to 125°C
2
V
IINH
Control Input Current
VINH = 13V
TJ = -40 to 125°C
5
10
µA
eN
Output Noise Voltage
BP = 10Hz to 100KHzIO = 100mA
132
µVRMS


Similar Part No. - LD29080PT90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29080PT15R STMICROELECTRONICS-LD29080PT15R Datasheet
373Kb / 21P
   800mA Fixed and adjustable output very low drop voltage regulatorm
LD29080PT18R STMICROELECTRONICS-LD29080PT18R Datasheet
373Kb / 21P
   800mA Fixed and adjustable output very low drop voltage regulatorm
LD29080PT25R STMICROELECTRONICS-LD29080PT25R Datasheet
373Kb / 21P
   800mA Fixed and adjustable output very low drop voltage regulatorm
LD29080PT33R STMICROELECTRONICS-LD29080PT33R Datasheet
373Kb / 21P
   800mA Fixed and adjustable output very low drop voltage regulatorm
LD29080PT50R STMICROELECTRONICS-LD29080PT50R Datasheet
373Kb / 21P
   800mA Fixed and adjustable output very low drop voltage regulatorm
More results

Similar Description - LD29080PT90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29080 STMICROELECTRONICS-LD29080_07 Datasheet
373Kb / 21P
   800mA Fixed and adjustable output very low drop voltage regulatorm
LD1580 STMICROELECTRONICS-LD1580 Datasheet
473Kb / 18P
   7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com