Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381D-100AXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1381D-100AXC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381D-100AXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1381D-100AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381D-100AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381D-100AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381D-100AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381D-100AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381D-100AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381D-100AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1381D-100AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1381D-100AXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
PRELIMINARY
CY7C1381D
CY7C1383D
Document #: 38-05544 Rev. *A
Page 7 of 29
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. Maximum access delay from
the clock rise (tCDV) is 6.5 ns (133-MHz device).
The CY7C1381D/CY7C1383D supports secondary cache in
systems utilizing either a linear or interleaved burst sequence.
The interleaved burst order supports Pentium® and i486
processors. The linear burst sequence is suited for processors
that utilize a linear burst sequence. The burst order is
user-selectable, and is determined by sampling the MODE
input. Accesses can be initiated with either the Processor
Address Strobe (ADSP) or the Controller Address Strobe
(ADSC). Address advancement through the burst sequence is
controlled by the ADV input. A two-bit on-chip wraparound
burst counter captures the first address in a burst sequence
and automatically increments the address for the rest of the
burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BWX) inputs. A Global Write
Enable (GW) overrides all byte write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self-timed write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3[2]) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
A single read access is initiated when the following conditions
are satisfied at clock rise: (1) CE1, CE2, and CE3[2] are all
asserted active, and (2) ADSP or ADSC is asserted LOW (if
the access is initiated by ADSC, the write inputs must be
deasserted during this first cycle). The address presented to
the address inputs is latched into the address register and the
burst counter/control logic and presented to the memory core.
If the OE input is asserted LOW, the requested data will be
available at the data outputs a maximum to tCDV after clock
rise. ADSP is ignored if CE1 is HIGH.
Single Write Accesses Initiated by ADSP
This access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, CE3[2] are all asserted
active, and (2) ADSP is asserted LOW. The addresses
presented are loaded into the address register and the burst
inputs (GW, BWE, and BWX)are ignored during this first clock
cycle. If the write inputs are asserted active ( see Write Cycle
Descriptions table for appropriate states that indicate a write)
on the next clock rise,the appropriate data will be latched and
written into the device.Byte writes are allowed. All I/Os are
tri-stated during a byte write.Since this is a common I/O
device, the asynchronous OE input signal must be deasserted
and the I/Os must be tri-stated prior to the presentation of data
to DQs. As a safety precaution, the data lines are tri-stated
once a write cycle is detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
This write access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, and CE3[2] are all asserted
active, (2) ADSC is asserted LOW, (3) ADSP is deasserted
HIGH, and (4) the write input signals (GW, BWE, and BWX)
indicate a write access. ADSC is ignored if ADSP is active LOW.
The addresses presented are loaded into the address register
and the burst counter/control logic and delivered to the
memory core. The information presented to DQ[A:D] will be
written into the specified address location. Byte writes are
allowed. All I/Os are tri-stated when a write is detected, even
a byte write. Since this is a common I/O device, the
asynchronous OE input signal must be deasserted and the
I/Os must be tri-stated prior to the presentation of data to DQs.
As a safety precaution, the data lines are tri-stated once a write
cycle is detected, regardless of the state of OE.
Burst Sequences
The CY7C1381D/CY7C1383D provides an on-chip two-bit
wraparound burst counter inside the SRAM. The burst counter
is fed by A[1:0], and can follow either a linear or interleaved
burst order. The burst order is determined by the state of the
MODE input. A LOW on MODE will select a linear burst
sequence. A HIGH on MODE will select an interleaved burst
VSSQ
I/O Ground
Ground for the I/O circuitry.
TDO
JTAG serial output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If the
JTAG feature is not being utilized, this pin should be left unconnected. This pin is not
available on TQFP packages.
TDI
JTAG serial input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature
is not being utilized, this pin can be left floating or connected to VDD through a pull up
resistor. This pin is not available on TQFP packages.
TMS
JTAG serial input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature
is not being utilized, this pin can be disconnected or connected to VDD. This pin is not
available on TQFP packages.
TCK
JTAG-
Clock
Clock input to the JTAG circuitry. If the JTAG feature is not being utilized, this pin must
be connected to VSS. This pin is not available on TQFP packages.
NC
No Connects. Not internally connected to the die. 36M, 72M, 144M and 288M are address
expansion pins are not internally connected to the die.
VSS/DNU
Ground/DNU
This pin can be connected to Ground or should be left floating.
Pin Definitions (continued)
Name
I/O
Description


Similar Part No. - CY7C1381D-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381D-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com