Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W400DT45M6T Datasheet(PDF) 7 Page - STMicroelectronics

Part # M29W400DT45M6T
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT45M6T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M29W400DT45M6T Datasheet HTML 3Page - STMicroelectronics M29W400DT45M6T Datasheet HTML 4Page - STMicroelectronics M29W400DT45M6T Datasheet HTML 5Page - STMicroelectronics M29W400DT45M6T Datasheet HTML 6Page - STMicroelectronics M29W400DT45M6T Datasheet HTML 7Page - STMicroelectronics M29W400DT45M6T Datasheet HTML 8Page - STMicroelectronics M29W400DT45M6T Datasheet HTML 9Page - STMicroelectronics M29W400DT45M6T Datasheet HTML 10Page - STMicroelectronics M29W400DT45M6T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7/38
M29W400DT, M29W400DB
Figure 5. TFBGA Connections (Top view through package)
Note: 1. NC = Not Connected
AI06856
B
A
4
3
2
1
G
F
H
DQ15
A–1
A7
A3
DQ10
DQ8
E
DQ13
DQ11
DQ9
G
VSS
DQ6
DQ1
VSS
DQ14
A12
NC
A17
A4
A14
A10
NC
NC
A6
A2
RP
A8
DQ4
DQ3
VCC
DQ12
A9
BYTE
A15
A11
NC
A1
A16
DQ7
DQ5
DQ2
A0
NC
DQ0
A5
E
D
C
RB
W
A13
6
5


Similar Part No. - M29W400DT45M6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT45M6T STMICROELECTRONICS-M29W400DT45M6T Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W400DT45M6T NUMONYX-M29W400DT45M6T Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
More results

Similar Description - M29W400DT45M6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com