Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W400DT55ZE1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29W400DT55ZE1
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT55ZE1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29W400DT55ZE1 Datasheet HTML 7Page - STMicroelectronics M29W400DT55ZE1 Datasheet HTML 8Page - STMicroelectronics M29W400DT55ZE1 Datasheet HTML 9Page - STMicroelectronics M29W400DT55ZE1 Datasheet HTML 10Page - STMicroelectronics M29W400DT55ZE1 Datasheet HTML 11Page - STMicroelectronics M29W400DT55ZE1 Datasheet HTML 12Page - STMicroelectronics M29W400DT55ZE1 Datasheet HTML 13Page - STMicroelectronics M29W400DT55ZE1 Datasheet HTML 14Page - STMicroelectronics M29W400DT55ZE1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11/38
M29W400DT, M29W400DB
BUS OPERATIONS
There are five standard bus operations that control
the device. These are Bus Read, Bus Write, Out-
put Disable, Standby and Automatic Standby. See
Tables 2 and 3, Bus Operations, for a summary.
Typically glitches of less than 5ns on Chip Enable
or Write Enable are ignored by the memory and do
not affect bus operations.
Bus Read. Bus Read operations read from the
memory cells, or specific registers in the Com-
mand Interface. A valid Bus Read operation in-
volves setting the desired address on the Address
Inputs, applying a Low signal, VIL, to Chip Enable
and Output Enable and keeping Write Enable
High, VIH. The Data Inputs/Outputs will output the
value, see Figure 12., Read Mode AC Waveforms,
and Table 12., Read AC Characteristics, for de-
tails of when the output becomes valid.
Bus Write. Bus Write operations write to the
Command Interface. A valid Bus Write operation
begins by setting the desired address on the Ad-
dress Inputs. The Address Inputs are latched by
the Command Interface on the falling edge of Chip
Enable or Write Enable, whichever occurs last.
The Data Inputs/Outputs are latched by the Com-
mand Interface on the rising edge of Chip Enable
or Write Enable, whichever occurs first. Output En-
able must remain High, VIH, during the whole Bus
Write operation. See Figures 13 and 14, Write AC
Waveforms, and Tables 13 and 14, Write AC
Characteristics, for details of the timing require-
ments.
Output Disable. The Data Inputs/Outputs are in
the high impedance state when Output Enable is
High, VIH.
Standby. When Chip Enable is High, VIH, the
memory enters Standby mode and the Data In-
puts/Outputs pins are placed in the high-imped-
ance state. To reduce the Supply Current to the
Standby Supply Current, ICC2, Chip Enable should
be held within VCC ± 0.2V. For the Standby current
level see Table 11., DC Characteristics.
During program or erase operations the memory
will continue to use the Program/Erase Supply
Current, ICC3, for Program or Erase operations un-
til the operation completes.
Automatic Standby. If CMOS levels (VCC ± 0.2V)
are used to drive the bus and the bus is inactive for
150ns or more the memory enters Automatic
Standby where the internal Supply Current is re-
duced to the Standby Supply Current, ICC2. The
Data Inputs/Outputs will still output data if a Bus
Read operation is in progress.
Special Bus Operations. Additional bus opera-
tions can be performed to read the Electronic Sig-
nature and also to apply and remove Block
Protection. These bus operations are intended for
use by programming equipment and are not usu-
ally used in applications. They require VID to be
applied to some pins.
Electronic Signature. The
memory
has
two
codes, the manufacturer code and the device
code, that can be read to identify the memory.
These codes can be read by applying the signals
listed in Tables 2 and 3, Bus Operations.
Block Protection and Blocks Unprotection.
Each block can be separately protected against
accidental Program or Erase. Protected blocks
can be unprotected to allow data to be changed.
There are two methods available for protecting
and unprotecting the blocks, one for use on pro-
gramming equipment and the other for in-system
use. Block Protect and Chip Unprotect operations
are described in Appendix B.


Similar Part No. - M29W400DT55ZE1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT55ZE1 STMICROELECTRONICS-M29W400DT55ZE1 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W400DT55ZE1 NUMONYX-M29W400DT55ZE1 Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT55ZE1E STMICROELECTRONICS-M29W400DT55ZE1E Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W400DT55ZE1E NUMONYX-M29W400DT55ZE1E Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT55ZE1F STMICROELECTRONICS-M29W400DT55ZE1F Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
More results

Similar Description - M29W400DT55ZE1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com