Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT401 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT401
Description  8-bit synchronous BCD down counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT401 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT401 Datasheet HTML 1Page - NXP Semiconductors 74HCT401 Datasheet HTML 2Page - NXP Semiconductors 74HCT401 Datasheet HTML 3Page - NXP Semiconductors 74HCT401 Datasheet HTML 4Page - NXP Semiconductors 74HCT401 Datasheet HTML 5Page - NXP Semiconductors 74HCT401 Datasheet HTML 6Page - NXP Semiconductors 74HCT401 Datasheet HTML 7Page - NXP Semiconductors 74HCT401 Datasheet HTML 8Page - NXP Semiconductors 74HCT401 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
December 1990
3
Philips Semiconductors
Product specification
8-bit synchronous BCD down counter
74HC/HCT40102
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
CP
clock input (LOW-to-HIGH, edge-triggered)
2
MR
asynchronous master reset input (active LOW)
3
TE
terminal enable input
4, 5, 6, 7, 10, 11, 12, 13
P0 to P7
jam inputs
8
GND
ground (0 V)
9
PL
asynchronous preset enable input (active LOW)
14
TC
terminal count output (active LOW)
15
PE
synchronous preset enable input (active LOW)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HCT401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT40103 PHILIPS-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HCT40103D PHILIPS-74HCT40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HCT40103D ICST-74HCT40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HCT40103DB PHILIPS-74HCT40103DB Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
More results

Similar Description - 74HCT401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC40H192P TOSHIBA-TC40H192P Datasheet
347Kb / 7P
   SYNCHRONOUS BCD UP/DOWN COUNTER
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com