Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ947 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part No. AZ947
Description  20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETTLER [ZETTLER Electronics]
Homepage  http://www.zettlerelectronics.com
Logo 

AZ947 Datasheet(HTML) 1 Page - ZETTLER Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 20 A 14 VDC Res.
Operate Time (max.)
10 ms max. at nominal coil voltage
Release Time (max.)
5 ms max. at nominal coil voltage
(with no coil suppression)
Dielectric Strength
500 VAC coil to contact
(at sea level for 1 min.) 500 VAC between open contacts
Insulation Resistance
100 megohms min. at 20°C, 500 VDC
50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10-55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 Seconds
Weight
6 grams
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2003-05-27
AZ947
COIL
Power
At Pickup Voltage
222 mW
(typical)
Max. Continuous
1.09 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
44°C (79°F) at nominal coil voltage
Max Temperature
105°C (221°F)
20 AMP SUBMINIATURE
PCB POWER RELAY
FOR AUTOMOTIVE USE
FEATURES
• Low cost
• 20 Amp contact rating
• Low profile, small footprint
• High operating temperature (85°C)
• SPST (1 Form A), SPDT (1 Form C)
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 280 W, 1250 VA
Max. switched voltage: 50 VDC, 125 VAC
20 A at 14 VDC Res. (make)
15 A at 14 VDC Res. (break) .
Material
Silver tin oxide
Resistance
< 50 milliohms initially
(6 V, 1 A voltage drop method)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn