Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1540 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1540
Description  Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1540 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1540 Datasheet HTML 1Page - Maxim Integrated Products MAX1540 Datasheet HTML 2Page - Maxim Integrated Products MAX1540 Datasheet HTML 3Page - Maxim Integrated Products MAX1540 Datasheet HTML 4Page - Maxim Integrated Products MAX1540 Datasheet HTML 5Page - Maxim Integrated Products MAX1540 Datasheet HTML 6Page - Maxim Integrated Products MAX1540 Datasheet HTML 7Page - Maxim Integrated Products MAX1540 Datasheet HTML 8Page - Maxim Integrated Products MAX1540 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Dual Step-Down Controllers with Saturation
Protection, Dynamic Output, and Linear Regulator
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, VCC = VDD = ON1 = ON2 = 5V, SKIP = GND, LDOIN (MAX1541) = V+, TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25
°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FB_ = GND
70
145
350
MAX1540
FB_ = VCC or
adjustable
50
115
220
FB1 = OUT1
400
700
1500
FB2 = GND
90
170
350
OUT_ Input Resistance
ROUT_
MAX1541
FB2 = VCC or
adjustable
60
130
270
k
OUT_ Discharge Mode On-
Resistance
RDISCHARGE
10
25
OUT_ Synchronous-Rectifier
Discharge-Mode Turn-On Level
0.2
0.3
0.4
V
Soft-Start Ramp Time
tSS
Rising edge on ON_ to full current limit
1.7
ms
TON = GND (620kHz)
149
169
190
TON = REF (485kHz)
191
216
242
TON = open (345kHz)
274
304
335
DH1 On-Time
tON1
V+ = 15V,
VOUT1 = 1.5V
(Note 3)
TON = VCC (235kHz)
402
447
491
ns
TON = GND (460kHz)
201
228
256
TON = REF (355kHz)
260
296
331
TON = open (255kHz)
371
412
453
DH2 On-Time
tON2
V+ = 15V,
VOUT2 = 1.5V
(Note 3)
TON = VCC (170kHz)
556
618
679
ns
On-Time Tracking
tON2 with respect to tON1 (Note 3)
120
135
150
%
Minimum Off-Time
tOFF(MIN)
(Note 3)
400
500
ns
LINEAR REGULATOR (LDO) (Note 1)
0 < ILDOOUT < 10mA
4.85
5.0
5.10
MAX1540 LDO Output-Voltage
Accuracy
VLDOOUT
ON1 = ON2 = GND,
V+ = 6V to 28V
0 < ILDOOUT < 100mA
4.70
5.10
V
0 < ILDOOUT < 10mA
4.85
5.0
5.10
MAX1541 LDO Output-Voltage
Accuracy (Fixed VLDOOUT)
VLDOOUT
FBLDO = ON1 =
ON2 = GND,
VLDOIN = 6V to 28V
0 < ILDOOUT < 100mA
4.70
5.10
V
0 < ILDOOUT < 10mA
1.212
1.25
1.275
MAX1541 LDO Feedback
Accuracy (Adjustable VLDOOUT)
VFBLDO
FBLDO = LDOOUT,
ON1 = ON2 = GND,
VLDOIN = 4.5V to
28V
0 < ILDOOUT < 100mA
1.175
1.275
V
MAX1541 LDO Output
Adjust Range
1.175
24
V
LDOOUT Short-Circuit Current
130
mA
FBLDO Input Bias Current
IFBLDO
-0.1
+0.1
µA
MAX1540: V+ - VLDOOUT, ILDOOUT = 50mA
500
800
Dropout Voltage
MAX1541: VLDOIN - VLDOOUT,
ILDOOUT = 50mA
500
800
mV


Similar Part No. - MAX1540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results

Similar Description - MAX1540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Advanced Analogic Techn...
AAT2505 ANALOGICTECH-AAT2505 Datasheet
843Kb / 26P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com