Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1540 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1540
Description  Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1540 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1540 Datasheet HTML 15Page - Maxim Integrated Products MAX1540 Datasheet HTML 16Page - Maxim Integrated Products MAX1540 Datasheet HTML 17Page - Maxim Integrated Products MAX1540 Datasheet HTML 18Page - Maxim Integrated Products MAX1540 Datasheet HTML 19Page - Maxim Integrated Products MAX1540 Datasheet HTML 20Page - Maxim Integrated Products MAX1540 Datasheet HTML 21Page - Maxim Integrated Products MAX1540 Datasheet HTML 22Page - Maxim Integrated Products MAX1540 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Dual Step-Down Controllers with Saturation
Protection, Dynamic Output, and Linear Regulator
______________________________________________________________________________________
19
PIN
MAX1540
MAX1541
NAME
FUNCTION
24
31
LX1
Inductor Connection for Controller 1. Connect to the switched side of the inductor.
LX1 serves as the lower supply rail for the DH1 high-side gate driver.
25
32
DH1
High-Side Gate-Driver Output for Controller 1. DH1 swings from LX1 to BST1.
26
33
PGOOD1
Open-Drain Power-Good Output. PGOOD1 is low when the output voltage is more
than 10% (typ) above or below the normal regulation point, during soft-start, and in
shutdown. After the soft-start circuit has terminated, PGOOD1 becomes high
impedance if the output is in regulation. For the MAX1541, PGOOD1 is
blanked—forced high-impedance state—when FBLANK is enabled and the controller
detects a transition on GATE.
27
34
OUT1
Output Voltage-Sense Connection for Controller 1. Connect directly to the positive
terminal of the output capacitors as shown in the standard application circuits
(Figures 1 and 12). OUT1 senses the output voltage to determine the on-time for the
high-side switching MOSFET. For the MAX1540, OUT1 also serves as the feedback
input when using the preset internal output voltages as shown in Figure 10. When
discharge mode is enabled by OVP/UVP, the output capacitor is discharged through
an internal 10
Ω resistor connected between OUT1 and ground.
28
35
FB1
Feedback Input for Controller 1:
MAX1540: Connect to VCC for a +1.2V fixed output or to analog ground (GND) for a
+1.8V fixed output. For an adjustable output (0.7V to 5.5V), connect FB1 to a resistive
divider from OUT1. The FB1 regulation level is +0.7V.
MAX1541: The FB1 regulation level is set by the voltage at REFIN1.
29
36
CSN1
Negative Current-Sense Input for Controller 1. Connect to the negative terminal of the
current-sense element. Figure 14 and Table 9 describe several current-sensing
options. The PWM controller does not begin a cycle unless the current sensed is less
than the valley current-limit threshold programmed at ILIM1.
30
37
CSP1
Positive Current-Sense Input for Controller 1. Connect to the positive terminal of the
current-sense element. Figure 14 and Table 9 describe several current-sensing
options. The PWM controller does not begin a cycle unless the current sensed is less
than the valley current-limit threshold programmed at ILIM1.
38
FBLANK
Fault-Blanking Control Input. This four-level logic input enables or disables fault
blanking, and sets the forced-PWM operation time (tFBLANK). When fault blanking is
enabled, PGOOD1 and the OVP/UVP protection for controller 1 are blanked for the
selected time period after the MAX1541 detects a transition on GATE. Additionally,
controller 1 enters forced-PWM mode for the duration of tFBLANK anytime GATE
changes states. Connect FBLANK as follows:
VCC = 220µs tFBLANK, fault blanking enabled.
Open = 140µs tFBLANK, fault blanking enabled.
REF = 65µs tFBLANK, fault blanking enabled.
GND = 140µs tFBLANK, fault blanking disabled.
See the Electrical Characteristics table for the tFBLANK limits.
Pin Description (continued)


Similar Part No. - MAX1540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results

Similar Description - MAX1540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Advanced Analogic Techn...
AAT2505 ANALOGICTECH-AAT2505 Datasheet
843Kb / 26P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com