Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC377 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC377
Description  Octal D-type flip-flop with data enable; positive-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC377 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC377 Datasheet HTML 1Page - NXP Semiconductors 74HC377 Datasheet HTML 2Page - NXP Semiconductors 74HC377 Datasheet HTML 3Page - NXP Semiconductors 74HC377 Datasheet HTML 4Page - NXP Semiconductors 74HC377 Datasheet HTML 5Page - NXP Semiconductors 74HC377 Datasheet HTML 6Page - NXP Semiconductors 74HC377 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
December 1990
4
Philips Semiconductors
Product specification
Octal D-type flip-flop with data enable;
positive-edge trigger
74HC/HCT377
Fig.4 Functional diagram.
FUNCTION TABLE
Notes
1. H = HIGH voltage level
h = HIGH voltage level one set-up time
prior to the LOW-to-HIGH CP transition
L = LOW voltage level
I
= LOW voltage level one set-up time
prior to the LOW-to-HIGH CP transition
↑ = LOW-to-HIGH CP transition
X = don’t care
OPERATING
MODES
INPUTS
OUTPUTS
CP
EDn
Qn
load “1”
lh
H
load “0”
ll
L
hold (do nothing)
X
h
H
X
X
no change
no change
Fig.5 Logic diagram.


Similar Part No. - 74HC377

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
Nexperia B.V. All right...
74HC377 NEXPERIA-74HC377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74HC377-Q100 NEXPERIA-74HC377-Q100 Datasheet
721Kb / 18P
   Octal D-type flip-flop with data enable; positive-edge trigger
74HC377-Q100 NEXPERIA-74HC377-Q100 Datasheet
255Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 2 - 25 February 2021
74HC377D NEXPERIA-74HC377D Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
More results

Similar Description - 74HC377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
Nexperia B.V. All right...
74LVC377 NEXPERIA-74LVC377 Datasheet
236Kb / 12P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HCT377 NEXPERIA-74HCT377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
   Octal D-type flip-flop with data enable; positive-edge trigger
logo
NXP Semiconductors
74LVC377 PHILIPS-74LVC377 Datasheet
95Kb / 10P
   Octal D-type flip-flop with data enable; positive-edge trigger
1998 Jul 29
74AHC377 NXP-74AHC377_08 Datasheet
100Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com