Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH16903 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT74ALVCH16903
Description  3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH16903 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74ALVCH16903 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 6Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 7Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 8Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16903
3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER
5
OUTPUT DRIVE CHARACTERISTICS, xYx PORTS
Symbol
Parameter
Test Conditions(1)
Min.
Max.
Unit
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC– 0.2
VCC = 2.3V
IOH = – 6mA, VIH = 1.7V
2
VOH
Output HIGH Voltage
VCC = 2.3V
IOH = – 12mA, VIH = 1.7V
1.7
V
VCC = 2.7V
IOH = – 12mA, VIH = 2V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA, VIH = 2V
2
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
VCC = 2.3V
IOL = 6mA, VIL = 0.7V
0.4
VOL
OutputLOWVoltage
IOL = 12mA, VIL = 0.7V
0.7
V
VCC = 2.7V
IOL = 12mA, VIL = 0.8V
0.4
VCC = 3V
IOL = 24mA, VIL = 0.8V
0.55
VCC = 2.3V
Y Port
−12
IOH
High-LevelOutputCurrent
VCC = 2.7V
−12
mA
VCC = 3V
PARI/O
−12
Y Port
−24
VCC = 2.3V
Y Port
12
VCC = 2.7V
12
IOL
Low-LevelOutputCurrent
PARI/O
12
mA
VCC = 3V
Y Port
24
YERR Output
24
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS FOR YERR AND PARI/O
Symbol
Parameter
Test Conditions(1)
Min.
Max.
Unit
VOH
PARI/O
VCC = 3V
IOH = – 12mA, VIH = 2V
2
V
VOL
PARI/O
VCC = 3V
IOL = 12mA, VIL = 0.8V
0.55
V
VOL
YERR Output only
VCC = 3V
IOL = 24mA
0.5
V
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn