Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH16903 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT74ALVCH16903
Description  3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH16903 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74ALVCH16903 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 6Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 7Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 8Page - Integrated Device Technology IDT74ALVCH16903 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74ALVCH16903
3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
IIH
Input HIGH Current
VCC = 3.6V
VI = VCC
——
± 5
µA
IIL
Input LOW Current
VCC = 3.6V
VI = GND
± 5
IOZH
High Impedance Output Current
VCC = 3.6V
VO = VCC
± 10
µA
IOZL
(3-StateOutputpins)
VO = GND
± 10
µA
IOH
YERR Output
VCC = 0V to 3.6V
VO = VCC
± 10
µA
IOZ(2)
High Impedance Output Current
VCC = 3.6V
VO = VCC or GND
± 10
µA
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = – 18mA
– 0.7
– 1.2
V
VH
Input Hysteresis
VCC = 3.3V
100
mV
ICCL
ICCH
Quiescent Power Supply Current
VCC = 3.6V, VIN = GND or VCC
0.1
40
µA
ICCZ
∆ICC
Quiescent Power Supply
One input at VCC
− 0.6V, other inputs at VCC or GND
750
µA
CurrentVariation
Ci
ControlInputs
VCC = 3.3V
VI = VCC or GND
5.5
pF
DataInputs
5.5
Co
YERR Output
VCC = 3.3V
VO = VCC or GND
5
pF
DataOutputs
—6
Cio
PARI/O
VCC = 3.3V
VO = VCC or GND
7
pF
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C
NOTES:
1. Typical values are at VCC = 3.3V, +25°C ambient.
2. For I/O ports, the parameter IOZ includes the input leakage current.
BUS-HOLDCHARACTERISTICS
Symbol
Parameter(1)
Test Conditions
Min.
Typ.(2)
Max.
Unit
IBHH
Bus-HoldInputSustainCurrent
VCC = 3V
VI = 2V
– 75
µA
IBHL
VI = 0.8V
75
IBHH
Bus-HoldInputSustainCurrent
VCC = 2.3V
VI = 1.7V
– 45
µA
IBHL
VI = 0.7V
45
IBHHO
Bus-Hold Input Overdrive Current
VCC = 3.6V
VI = 0 to 3.6V
±500
µA
IBHLO
NOTES:
1. Pins with Bus-Hold are identified in the pin description.
2. Typical values are at VCC = 3.3V, +25°C ambient.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn